Electronic Components Datasheet Search |
|
MBA0204NC6GR200 Datasheet(PDF) 7 Page - Vishay Siliconix |
|
MBA0204NC6GR200 Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 15 page MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional www.vishay.com Vishay Beyschlag Revision: 02-Nov-15 7 Document Number: 28766 For technical questions, contact: filmresistorsleaded@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DESCRIPTION Production is strictly controlled and follows an extensive set of instructions established for reproducibility. A homogeneous film of metal alloy is deposited on a high grade ceramic body and conditioned to achieve the desired temperature coefficient. Plated steel termination caps are firmly pressed on the metallized rods. A special laser is used to achieve the target value by smoothly cutting a helical groove in the resistive layer without damaging the ceramics. Connecting wires of electrolytic copper plated with 100 % pure tin are welded to the termination caps. Alternative termination wires available for e.g. welding (MBA/SMA0204 only). The resistor elements are covered by a light blue protective coating designed for electrical, mechanical and climatic protection. Four or five color code rings designate the resistance value and tolerance in accordance with IEC 60062. The result of the determined production is verified by an extensive testing procedure performed on 100 % of the individual resistors. Only accepted products are stuck directly on the adhesive tapes in accordance with IEC 60286-1 or for the radial versions in accordance to IEC 60286-2. MATERIALS Vishay acknowledges the following systems for the regulation of hazardous substances: • IEC 62474, Material Declaration for Products of and for the Electrotechnical Industry, with the list of declarable substances given therein (1) • The Global Automotive Declarable Substance List (GADSL) (2) • The REACH regulation (1907/2006/EC) and the related list of substances with very high concern (SVHC) (3) for its supply chain The products do not contain any of the banned substances as per IEC 62474, GADSL, or the SVHC list, see www.vishay.com/how/leadfree. Hence the products fully comply with the following directives: • 2000/53/EC End-of-Life Vehicle Directive (ELV) and Annex II (ELV II) • 2011/65/EU Restriction of the Use of Hazardous Substances Directive (RoHS) with amendment 2015/863/EU • 2012/19/EU Waste Electrical and Electronic Equipment Directive (WEEE) Vishay pursues the elimination of conflict minerals from its supply chain, see the Conflict Minerals Policy at www.vishay.com/doc?49037. ASSEMBLY The resistors are suitable for processing on automatic insertion equipment and cutting and bending machines. Excellent solderability is proven, even after extended storage. They are suitable for automatic soldering using wave or dipping. The resistors are completely lead (Pb)-free, the pure tin plating provides compatibility with lead (Pb)-free and lead-containing soldering processes. The immunity of the plating against tin whisker growth, in compliance with IEC 60068-2-82, has been proven under extensive testing. The encapsulant is resistant to cleaning solvent specified in IEC 60115-1 (3). The suitability of conformal coatings, if applied, shall be qualified by appropriate means to ensure the long-term stability of the whole system. All products comply with GADSL (1) and the IEC 62474 (2) list of legal restrictions on hazardous substances. This includes full compliance with the following directives: • 2000/53/EC End of Vehicle Life Directive (ELV) and Annex II (ELVII) • 2011/65/EU Restriction of the use of Hazardous Substances Directive (RoHS) • 2012/19/EU Waste Electrical and Electrical Equipment Directive (WEEE) APPROVALS The resistors (CECC version) are approved within the IECQ-CECC Quality Assessment System for Electronic Components to the detail specification EN 140101-806 which refers to EN 60115-1 and EN 140100 and the variety of environmental test procedures of the IEC 60068 series. Conformity is attested by the use of the CECC logo ( ) as the Mark of Conformity on the package label for the CECC version. Vishay Beyschlag has achieved “Approval of Manufacturer” in accordance with IEC QC 001002-3, clause 2. The release certificate for “Technology Approval Schedule” in accordance with CECC 240001 based on IEC QC 001002-3, clause 6 is granted for the Vishay Beyschlag manufacturing process. RELATED PRODUCTS For a correlated range of precision TCR and tolerance specifications see the datasheet: • “Precision Thin Film Leaded Resistors”, www.vishay.com/doc?28767 For products approved to EN 140101-806, version E, with established reliability and failure rate level E7 (Quality factor πQ = 0.1), see the datasheet: • “Established Reliability Thin Film Leaded Resistors”, www.vishay.com/doc?28768 Notes (1) Global Automotive Declarable Substance List, see www.gadsl.org (2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade organisation representing the information and communications technology and consumer electronics), see www.digitaleurope.org/SearchResults.aspx?Search=eicta. All products comply with the IEC 62474, Material Declaration for Products of and for the Electrotechnical Industry. (3) Other cleaning solvents with aggressive chemicals should be evaluated in actual cleaning process for their suitability. |
Similar Part No. - MBA0204NC6GR200 |
|
Similar Description - MBA0204NC6GR200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |