Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1189 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1189
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1189 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1189 Datasheet HTML 2Page - Maxim Integrated Products MAX1189 Datasheet HTML 3Page - Maxim Integrated Products MAX1189 Datasheet HTML 4Page - Maxim Integrated Products MAX1189 Datasheet HTML 5Page - Maxim Integrated Products MAX1189 Datasheet HTML 6Page - Maxim Integrated Products MAX1189 Datasheet HTML 7Page - Maxim Integrated Products MAX1189 Datasheet HTML 8Page - Maxim Integrated Products MAX1189 Datasheet HTML 9Page - Maxim Integrated Products MAX1189 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
6
_______________________________________________________________________________________
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
10
20
30
40
50
60
70
80
90
100
0
1
100
fSAMPLE = 131ksps
SPURIOUS-FREE DYNAMIC RANGE
vs. FREQUENCY
FREQUENCY (kHz)
10
20
40
60
80
100
120
0
1
100
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
1
100
Pin Description
PIN
NAME
FUNCTION
1
D8
Three-State Digital Data Output
2
D9
Three-State Digital Data Output
3
D10
Three-State Digital Data Output
4
D11
Three-State Digital Data Output
5
D12
Three-State Digital Data Output
6
D13
Three-State Digital Data Output
7
D14
Three-State Digital Data Output
8
D15
Three-State Digital Data Output (MSB)
9R/C
Read/Convert Input. Power up and place the MAX1179/MAX1187/MAX1189 in acquisition mode by
holding R/C low during the first falling edge of CS. During the second falling edge of CS, the level
on R/C determines whether the reference and reference buffer power down or remain on after
conversion. Set R/C high during the second falling edge of CS to power down the reference and
buffer, or set R/C low to leave the reference and buffer powered up. Set R/C high during the third
falling edge of CS to put valid data on the bus.
10
EOC
End of Conversion. EOC drives low when conversion is complete.
11
AVDD
Analog Supply Input. Bypass with a 0.1µF capacitor to AGND.
12
AGND
Analog Ground. Primary analog ground (star ground).
13
AIN
Analog Input
14
AGND
Analog Ground. Connect pin 14 to pin 12.
Typical Operating Characteristics (continued)
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, CLOAD = 20pF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Typical Application Circuit)


Similar Part No. - MAX1189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX118 MAXIM-MAX118 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX118 MAXIM-MAX118 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
More results

Similar Description - MAX1189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com