Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4412EXK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4412EXK-T
Description  Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4412EXK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4412EXK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4412EXK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX4412 single and MAX4413 dual operational
amplifiers are unity-gain-stable devices that combine
high-speed performance, low supply current, and ultra-
small packaging. Both devices operate from a single
+2.7V to +5.5V supply, have Rail-to Rail® outputs, and
exhibit a common-mode input voltage range that
extends from 100mV below ground to within +1.5V of
the positive supply rail.
The MAX4412/MAX4413 achieve a 500MHz -3dB band-
width and a 220V/µs slew rate while consuming only
1.7mA of supply current per amplifier. This makes the
MAX4412/MAX4413 ideal for low-power/low-voltage,
high-speed portable applications such as video, com-
munications, and instrumentation.
For systems requiring tighter specifications, Maxim
offers the MAX4414–MAX4419 family of operational
amplifiers. The MAX4414–MAX4419 are laser trimmed
versions of the MAX4412/MAX4413 and include com-
pensated and uncompensated devices.
The MAX4412 is available in ultra-small 5-pin SC70 and
SOT23 packages, while the MAX4413 is available in a
space-saving 8-pin SOT23.
________________________Applications
Battery-Powered Instruments
Portable Communications
Keyless Entry Systems
Cellular Telephones
Video Line Drivers
Baseband Applications
Features
o Ultra-Low 1.7mA Supply Current
o Low Cost
o Single +3V/+5V Operation
o High Speed
500MHz -3dB Bandwidth
50MHz 0.1dB Gain Flatness
220V/µs Slew Rate
o Rail-to-Rail Outputs
o Input Common-Mode Range Extends Beyond VEE
o Low Differential Gain/Phase: 0.01%/0.03°
o Low Distortion at 5MHz
-93dBc SFDR
0.003% Total Harmonic Distortion
o Ultra-Small SC70-5, SOT23-5, and SOT23-8
Packages
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz
Single-Supply Op Amps with Rail-to-Rail Outputs
________________________________________________________________ Maxim Integrated Products
1
PART
TEMP. RANGE
PIN-
PACKAGE
TOP
MARK
MAX4412EXK-T
-40°C to +85°C
5 SC70-5
ABH
MAX4412EUK-T
-40°C to +85°C
5 SOT23-5
ADOL
MAX4413EKA-T
-40°C to +85°C
8 SOT23-8
AADR
19-1831; Rev 0; 11/00
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
IN-
1
2
5
VCC
VEE
IN+
OUT
SC70/SOT23
TOP VIEW
34
MAX4412
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
SOT23
3
4
6
5
MAX4413
Pin Configurations
Typical Operating Characteristic
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
SUPPLY CURRENT vs.
SUPPLY VOLTAGE (PER AMPLIFER)
1.2
1.3
1.5
1.4
1.8
1.9
1.7
1.6
2.0
2.7
3.5
3.9
3.1
4.3
4.7
5.1
5.5
SUPPLY VOLTAGE (V)


Similar Part No. - MAX4412EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412EXK-T MAXIM-MAX4412EXK-T Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
More results

Similar Description - MAX4412EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4452 MAXIM-MAX4452 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com