Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF5901PTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF5901PTG4
Description  SINGLE-CHIP RF TRANSMITTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF5901PTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF5901PTG4 Datasheet HTML 6Page - Texas Instruments TRF5901PTG4 Datasheet HTML 7Page - Texas Instruments TRF5901PTG4 Datasheet HTML 8Page - Texas Instruments TRF5901PTG4 Datasheet HTML 9Page - Texas Instruments TRF5901PTG4 Datasheet HTML 10Page - Texas Instruments TRF5901PTG4 Datasheet HTML 11Page - Texas Instruments TRF5901PTG4 Datasheet HTML 12Page - Texas Instruments TRF5901PTG4 Datasheet HTML 13Page - Texas Instruments TRF5901PTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TRF5901
SINGLE-CHIP RF TRANSCEIVER
SWRS014 – DECEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
tw(CLKHI)
CLOCK
DATA
STROBE
tsu(DATA)
th(DATA)
tw(STROBEHI)
tw(STROBELO)
tw(CLKLO)
Figure 2. Serial Data Interface Timing
detailed description
low-noise amplifier
The low-noise amplifier (LNA) provides a typical gain of 13 dB and a typical noise figure of 3.3 dB.
Two operating modes, normal and low-gain mode, can be selected. The normal operation mode is selected
when maximum sensitivity at low input levels is required. If high RF input levels are applied to the TRF5901,
the LNA should be operated in the low-gain mode. This ensures a minimum of nonlinear distortions in the overall
receiver chain.
Figure 3. Typical LNA Input Impedance (S11)
at Device Terminal LNA_IN
Figure 4. Typical LNA Output Impedance
(S22) at Device Terminal LNA_OUT
0.5
1
↑1 U
2
5
10
2
1
0.5
0.2
0
–0.5
–1
–2
–5
START 850 MHz
STOP 950 MHz
CH1 S11
CAL
OFS
CPL
FIL
1k
↑1 U
START 850 MHz
STOP 950 MHz
CH1 S22
CAL
OFS
CPL
FIL
1k
1
1
5
0.5
1
2
5
10
2
1
0.5
0.2
0
–0.5
–1
–2
–5
5
The low impedance of the LNA input can be easily matched to 50
Ω to interface with a filter or an RF switch.
At the LNA open collector output, a filter network can be used for image suppression as well as impedance
matching.


Similar Part No. - TRF5901PTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results

Similar Description - TRF5901PTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com