Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4412 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4412
Description  Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4412 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4412 Datasheet HTML 6Page - Maxim Integrated Products MAX4412 Datasheet HTML 7Page - Maxim Integrated Products MAX4412 Datasheet HTML 8Page - Maxim Integrated Products MAX4412 Datasheet HTML 9Page - Maxim Integrated Products MAX4412 Datasheet HTML 10Page - Maxim Integrated Products MAX4412 Datasheet HTML 11Page - Maxim Integrated Products MAX4412 Datasheet HTML 12Page - Maxim Integrated Products MAX4412 Datasheet HTML 13Page - Maxim Integrated Products MAX4412 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz
Single-Supply Op Amps with Rail-to-Rail Outputs
10
______________________________________________________________________________________
Inverting and Noninverting Configurations
Select the gain-setting feedback (RF) and input (RG)
resistor values that best fit the application. Large resis-
tor values increase voltage noise and interact with the
amplifier’s input and PC board capacitance. This can
generate undesirable poles and zeros and decrease
bandwidth or cause oscillations. For example, a nonin-
verting gain-of-two configuration (RF = RG) using 1k
resistors, combined with 1.8pF of amplifier input capac-
itance and 1pF of PC board capacitance, causes a
pole at 114MHz. Since this pole is within the amplifier
bandwidth, it jeopardizes stability. Reducing the 1k
resistors to 100
Ω extends the pole frequency to
1.14GHz, but could limit output swing by adding 200
in parallel with the amplifier’s load resistor.
Note: For high-gain applications where output offset
voltage is a consideration, choose RS to be equal to the
parallel combination of RF and RG (Figures 3a and 3b):
Video Line Driver
The MAX4412/MAX4413 are designed to minimize dif-
ferential gain error and differential phase error to 0.01%/
0.03° respectively, making them ideal for driving video
loads.
Active Filters
The low distortion and high bandwidth of the
MAX4412/MAX4413 make them ideal for use in active
filter circuits. Figure 4 is a 15MHz lowpass, multiple-
feedback active filter using the MAX4412.
GAIN
R
R
=
2
1
RS
RF
RG
RF
RG
=
×
+
VOUT
VOUT = [1+ (RF / RG)] VIN
IN
RF
R0
RG
RS
Figure 3a. Noninverting Gain Configuration
VOUT
IN
RS
RF
RO
RG
VOUT = (RF / RG) VIN
Figure 3b. Inverting Gain Configuration
VOUT
VIN
RBIN
RISO
RF
CL
RG
Figure 1. Driving a Capacitive Load Through an Isolation
Resistor
Figure 2. Isolation Resistance vs. Capacitive Load
10
16
14
12
18
20
22
24
26
28
30
0
400
200
600
800
1000
ISOLATION RESISTANCE vs.
CAPACITIVE LOAD
CLOAD (pF)


Similar Part No. - MAX4412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4412EUK-T MAXIM-MAX4412EUK-T Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4412EXK-T MAXIM-MAX4412EXK-T Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
More results

Similar Description - MAX4412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4452 MAXIM-MAX4452 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com