Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VEL18ES240-UK-JA Datasheet(PDF) 4 Page - XP Power Limited

Part # VEL18ES240-UK-JA
Description  VEL18 Series AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL18ES240-UK-JA Datasheet(HTML) 4 Page - XP Power Limited

  VEL18ES240-UK-JA Datasheet HTML 1Page - XP Power Limited VEL18ES240-UK-JA Datasheet HTML 2Page - XP Power Limited VEL18ES240-UK-JA Datasheet HTML 3Page - XP Power Limited VEL18ES240-UK-JA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VEL18 Series
www.xppower.com
DC-DC Converter
Mechanical Details
VEL18US-EU-JA
0.68 (17.5)
1.34
(34.0)
3.54 (90.0)
0.7 (19.0)
0.15ø (4.0ø)
0.15ø (4.0ø)
0.14ø (3.8ø)
1.02 (26.1)
1.18 (30.0)
1.06 (27.0)
2.26 (57.57)
0.71 (18.2)
0.74
(19.0)
Output Lead and Connection
BLACK AND WHITE
PVC 30-35P
24 AWG
0.47 (12.0)
0.083 (2.1)
0.22 (5.5)
59.0 (1500)
2.7 (70)
TIE
Wire type: VW-1 80°C 300 V L=1500 mm 2464 20 AWG for 5 V output, 22 AWG for 9 V ouput,
24 AWG for 12 V output, 2C Black and White. Black - Negative, White - Positive
Polarity
01 Mar 16


Similar Part No. - VEL18ES240-UK-JA

ManufacturerPart #DatasheetDescription
logo
RFE international
VEL100M1CTR040057 RFE-VEL100M1CTR040057 Datasheet
77Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEL Series: Surface Mount Type, 105C
logo
XP Power Limited
VEL12 XPPOWER-VEL12 Datasheet
648Kb / 4P
   VEL12 Series AC-DC Power Supplies
VEL12US050-XX-JA XPPOWER-VEL12US050-XX-JA Datasheet
648Kb / 4P
   VEL12 Series AC-DC Power Supplies
VEL12US090-XX-JA XPPOWER-VEL12US090-XX-JA Datasheet
648Kb / 4P
   VEL12 Series AC-DC Power Supplies
VEL12US120-XX-JA XPPOWER-VEL12US120-XX-JA Datasheet
648Kb / 4P
   VEL12 Series AC-DC Power Supplies
More results

Similar Description - VEL18ES240-UK-JA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com