Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF4903 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF4903
Description  SINGLE-CHIP MULTIBAND RF TRANSMITTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF4903 Datasheet(HTML) 1 Page - Texas Instruments

  TRF4903 Datasheet HTML 1Page - Texas Instruments TRF4903 Datasheet HTML 2Page - Texas Instruments TRF4903 Datasheet HTML 3Page - Texas Instruments TRF4903 Datasheet HTML 4Page - Texas Instruments TRF4903 Datasheet HTML 5Page - Texas Instruments TRF4903 Datasheet HTML 6Page - Texas Instruments TRF4903 Datasheet HTML 7Page - Texas Instruments TRF4903 Datasheet HTML 8Page - Texas Instruments TRF4903 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TRF4903
SINGLECHIP MULTIBAND RF TRANSMITTER
SWRS023B − MAY 2004 − REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single-Chip RF Transmitter for 315-MHz,
433-MHz, 868-MHz, and 915-MHz Industrial,
Scientific, and Medical (ISM) Bands
D 2.2-V to 3.6-V Operation
D Low Power Consumption
D FSK/OOK Operation
D Integer-N Synthesizer With Fully Integrated
Voltage Controlled Oscillator (VCO)
D On-Chip Reference Oscillator and
Phase-Locked Loop (PLL)
D Power Amplifier With 8-dBm Typical Output
Power
D Programmable Brownout Detector
D Integrated Data Bit Synchronizer and Baud
Rate Selection
D Flexible 3-Wire Serial Interface
D Minimal Number of External Components
Required
D 24-Pin Plastic Thin-Shrink Small Outline
Package (TSSOP)
D Programmable XTAL Trimming
D Lock Detect Indicator
D Companion Transmitter to the TRF6903
Transceiver
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PW PACKAGE
(TOP VIEW)
TX_DATA
MODE
STDBY
PA_OUT
PA_GND1
PA_VCC
PA_GND2
VCO_PRE_VCC
VCO_GND
VCO_CORE_VCC
VCO_BYPASS
VCO_TUNE
CLOCK
DATA
STROBE
GND
XTAL_SW
XTAL
DGND
DVDD
DET_LD_DCLK
CP_GND
CP_OUT
CP_VCC
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TRF4903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903PW TI-TRF4903PW Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903PWR TI-TRF4903PWR Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
More results

Similar Description - TRF4903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com