Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF4900 Datasheet(PDF) 9 Page - Texas Instruments

Part # TRF4900
Description  SINGLE-CHIP RF TRANSMITTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF4900 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF4900 Datasheet HTML 5Page - Texas Instruments TRF4900 Datasheet HTML 6Page - Texas Instruments TRF4900 Datasheet HTML 7Page - Texas Instruments TRF4900 Datasheet HTML 8Page - Texas Instruments TRF4900 Datasheet HTML 9Page - Texas Instruments TRF4900 Datasheet HTML 10Page - Texas Instruments TRF4900 Datasheet HTML 11Page - Texas Instruments TRF4900 Datasheet HTML 12Page - Texas Instruments TRF4900 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TRF4900
SINGLECHIP RF TRANSMITTER
SLWS092G − JULY 2000 − REVISED FEBRUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TRF4900 direct digital synthesizer implementation (continued)
The frequency of the reference oscillator,
ƒref, is the DDS sample frequency, which also determines the
maximum DDS output frequency. Together with the accumulator width (in bits), the frequency resolution of the
DDS can be calculated. Multiplied by the divider ratio (prescaler) of the PLL, N, the minimum frequency step
size of the TRF4900 is calculated as follows:
Dƒ + N
ƒ
ref
224
The 24-bit accumulator can be programmed via two 22-bit frequency setting registers (the A-word determines
the mode0 frequency, the B-word determines the mode1 frequency) with the two MSB bits set to 0.
Consequently, the maximum bit weight of the DDS system is reduced to 1/8 (see Figure 6). This bit weight
corresponds to a VCO output frequency of (
ƒref/8) × N. Depending on the MODE terminal’s (terminal 11) logic
level, the internal mode select logic loads the frequency register with either the DDS_0 or DDS_1 frequency
(see Figure 5 and Figure 6).
DDS Frequency Setting For Mode0/1
From A-Word/B-Word
22
0
0 X X . . . .
. . . XX XX X
MSB
LSB
23 22 21
20 . . .
. . . 4
3
2
1
0
MSB
23 22
DDS Frequency Register
8
FSK Frequency Deviation Register − DEV
00
. . . .
X0 0
XX X X X X X
LSB
9
8 7 6
5
4
3
2
1
0
. . . .
DDS Frequency Register
. . . .
. . . .
Bit weight: 1/2 1/4 1/8 1/16 . . .
. . . 1
2 24
Figure 6. Implementation of the DDS Frequency and FSK Frequency
Deviation in the DDS Frequency Register
The VCO output frequency,
ƒout, which is dependent on the DDS_x frequency settings (DDS_0 in the A-word
or DDS_1 in the B-word), can be calculated as follows:
ƒ
out + DDS_x
N
ƒ
ref
224
+ N
ƒ
ref
DDS_x
224
If FSK modulation is selected (MM=0; C-Word, bit 16), then the 8-bit FSK deviation register can be used to
program the frequency deviation of the 2-FSK modulation. Figure 6 illustrates where the 8 bits of the FSK
deviation register map into the 24-bit DDS frequency register. Since the two LSBs are set to 0, the total FSK
deviation can be determined as follows:
2–FSK + N
DEV
ƒ
ref
222
Hence, the 2-FSK frequency, set by the level on the TX_DATA is calculated as follows:
ƒ
out1:TX_DATA
+Low + N
ƒ
ref
DDS_x
224
ƒ
out2:TX_DATA
+High + N
ƒ
ref
(DDS_x
) 4
DEV)
224
This frequency modulated output signal is used as a reference input signal for the PLL circuit. Channel width
(frequency deviation) for 2-FSK modulation and channel spacing are software programmable. The minimum
channel width and minimum channel spacing depend on the RF system frequency plan.


Similar Part No. - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
More results

Similar Description - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com