Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF4900 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF4900
Description  SINGLE-CHIP RF TRANSMITTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF4900 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF4900 Datasheet HTML 2Page - Texas Instruments TRF4900 Datasheet HTML 3Page - Texas Instruments TRF4900 Datasheet HTML 4Page - Texas Instruments TRF4900 Datasheet HTML 5Page - Texas Instruments TRF4900 Datasheet HTML 6Page - Texas Instruments TRF4900 Datasheet HTML 7Page - Texas Instruments TRF4900 Datasheet HTML 8Page - Texas Instruments TRF4900 Datasheet HTML 9Page - Texas Instruments TRF4900 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TRF4900
SINGLECHIP RF TRANSMITTER
SLWS092G − JULY 2000 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over full range of operating conditions, (typical values are at PA_VCC,
PLL_VCC, DIG_VCC, VCC =
3 V, TA = 25°C) (unless otherwise noted) (continued)
direct digital synthesizer (DDS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference oscillator input frequency,
ƒref
As oscillator
15
26
MHz
Reference oscillator input frequency,
ƒref
As buffer
15
26
MHz
Programmable DDS divider ratio
22 bits
0
4194303
DDS divider resolution,
∆ƒ
N
× ƒref ÷ 224
FSK − modulation register ratio
8 bits
0
1020
FSK − modulation resolution
N
× ƒref ÷ 222
PLL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RF input frequency
850
950
MHz
RF input power
Internal VCO bypassed; external input applied to VCO_TANK2
−10
dBm
RF input divider ratio, N
256
512
RF output frequency resolution
N
× ƒref ÷ 224
Charge pump current
Programmable with external resistor, 100 k
Ω nominal, APLL = 0
70
µA
power amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency range
850
950
MHz
0-dB attenuation
7
Amplifier output power (see Note 2)
10-dB attenuation
−3
dBm
Amplifier output power (see Note 2)
20-dB attenuation
−12
dBm
Amplifier off
−52
Optimal load impedance
See Figure 11
2nd-order harmonic
VCC = 3 V, 0-dB attenuation
−13
dBc
3rd-order harmonic
VCC = 3 V, 0-dB attenuation
−32
dBc
NOTE 2: The device and output matching network (see Application Information section) is designed to provide the output power into a 50-
Ω load.
The device stability was tested (no parasitic oscillations) with an output VSWR of 10:1 over all phase angles and is not tested in
production.
typical mode switching and lock times
OPERATION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standby to transmit time†
From rising edge of STDBY to valid RF signal at PA_OUT, APLL = 111b
(maximum)
500
µs
† Highly dependent upon loop filter topology


Similar Part No. - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
More results

Similar Description - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com