Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1179 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1179
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1179 Datasheet HTML 1Page - Maxim Integrated Products MAX1179 Datasheet HTML 2Page - Maxim Integrated Products MAX1179 Datasheet HTML 3Page - Maxim Integrated Products MAX1179 Datasheet HTML 4Page - Maxim Integrated Products MAX1179 Datasheet HTML 5Page - Maxim Integrated Products MAX1179 Datasheet HTML 6Page - Maxim Integrated Products MAX1179 Datasheet HTML 7Page - Maxim Integrated Products MAX1179 Datasheet HTML 8Page - Maxim Integrated Products MAX1179 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
4
_______________________________________________________________________________________
Note 1: Maximum specification is limited by automated test equipment.
Note 2: To ensure best performance, finish reading the data and wait tBR before starting a new acquisition.
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
MAX1187
2.9
External reference,
135ksps
MAX1179/MAX1189
4.0
5.3
MAX1187
3.8
Analog Supply Current
IAVDD
Internal reference,
135ksps
MAX1179/MAX1189
5.2
6.2
mA
Shutdown mode, IAVDD + IDVDD (Note 1),
digital input = DVDD or 0V
0.5
5
µA
Shutdown Supply Current
ISHDN
Standby mode
3.7
mA
Digital Supply Current
IDVDD
0.75
mA
Power-Supply Rejection
AVDD = DVDD = +4.75V to +5.25V
3.5
LSB
TIMING CHARACTERISTICS (Figures 1 and 2)
(AVDD = +5V ±5V, DVDD = +2.7V to AVDD, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, CLOAD
= 20pF, TA = TMIN to TMAX.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Sampling Rate
fSAMPLE(MAX)
135
ksps
Acquisition Time
tACQ
2µs
Conversion Time
tCONV
4.7
µs
CS Pulse Width High
tCSH
(Note 2)
40
ns
DVDD = +4.75V to +5.25V
40
CS Pulse Width Low
tCSL
(Note 2)
DVDD = +2.7V to +5.25V
60
ns
R/C to CS Fall Setup Time
tDS
0ns
DVDD = +4.75V to +5.25V
40
R/C to CS Fall Hold Time
tDH
DVDD = +2.7V to +5.25V
60
ns
DVDD = +4.75V to +5.25V
40
CS to Output Data Valid
tDO
DVDD = +2.7V to +5.25V
80
ns
EOC Fall to CS Fall
tDV
0ns
DVDD = +4.75V to +5.25V
40
CS Rise to EOC Rise
tEOC
DVDD = +2.7V to +5.25V
80
ns
DVDD = +4.75V to +5.25V
40
Bus Relinquish Time
tBR
DVDD = +2.7V to +5.25V
80
ns


Similar Part No. - MAX1179

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1179

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com