Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCE05US48 Datasheet(PDF) 1 Page - XP Power Limited

Part # VCE05US48
Description  VCE05 Series AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCE05US48 Datasheet(HTML) 1 Page - XP Power Limited

  VCE05US48 Datasheet HTML 1Page - XP Power Limited VCE05US48 Datasheet HTML 2Page - XP Power Limited VCE05US48 Datasheet HTML 3Page - XP Power Limited VCE05US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VCE05 Series
AC-DC Power Supplies
The VCE05 is a series of open frame and encapsulated AC-DC single output power supplies
designed for low cost ITE and Industrial applications. The series provides two mechanical options
including open frame and encapsulated PCB mount. With approvals to world-wide safety
standards, compliance with class B for conducted and radiated emissions and a 130%, 30s peak
load capability, these class II isolation parts benefit system designers with easy integration into a
wide range of applications.
• Compact Size
• Single Outputs from 3.3 to 48 V
• PCB Mount
• Encapsulated & Open Frame
• Class II
• <0.3 W No Load Input Power
• Peak Load Capability
• Low Cost
• 3 Year Warranty
5 Watts
Dimensions:
VCE05:
1.30 x 1.10 x 0.75” (33.02 x 27.94 x 19.05 mm)
VCE05-P:
1.20 x 1.00 x 0.705” (30.8 x 25.4 x 17.9 mm)
www.xppower.com
1
Models & Ratings
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. For Open Frame version add suffix -P to model number, e.g. VCE05US12-P.
Output Power
Output Voltage
Output Current
Model Number (2)
Nominal
Peak(1)
5 W
3.3 VDC
1210 mA
1960 mA
VCE05US03
5 W
5.0 VDC
1000 mA
1300 mA
VCE05US05
5 W
9.0 VDC
550 mA
722 mA
VCE05US09
5 W
12.0 VDC
410 mA
541 mA
VCE05US12
5 W
15.0 VDC
330 mA
433 mA
VCE05US15
5 W
24.0 VDC
210 mA
270 mA
VCE05US24
5 W
48.0 VDC
100 mA
135 mA
VCE05US48
Summary
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
85
264
VAC
Derate from 100% at 90 VAC to 90% at 85 VAC
No Load Input Power
0.3
W
Efficiency
78
%
Model dependant
Operating Temperature
-25
+70
°C
Derate linearly from 100% at +50 °C to 50% at +70 °C
EMC
EN55022 Level B Conducted & Radiated, EN601000-3-2, EN61000-3-3, EN60601-1-2
Safety Approvals
EN60950, UL60950, IEC60950
POWER
GREEN


Similar Part No. - VCE05US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCE05US48 XPPOWER-VCE05US48 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
More results

Similar Description - VCE05US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com