Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCE05US48 Datasheet(PDF) 4 Page - XP Power Limited

Part # VCE05US48
Description  VCE05 Series AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCE05US48 Datasheet(HTML) 4 Page - XP Power Limited

  VCE05US48 Datasheet HTML 1Page - XP Power Limited VCE05US48 Datasheet HTML 2Page - XP Power Limited VCE05US48 Datasheet HTML 3Page - XP Power Limited VCE05US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VCE05 Series
www.xppower.com
22 Sept 16
AC-DC Power Supplies
Mechanical Details
1. Dimensions in inches (mm).
2. Weight: Open frame versions (-P): 0.03 lbs (14 g)
Encapsulated: 0.053 lbs (24 g))
3. Tolerances:
x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Notes
3
2
4
BOTTOM VIEW
1
0.197
(5.0)
0.75
(19.05)
1.1
(27.94)
0.4
(10.16)
0.8
(20.32)
1.5
(3.81)
0.11 (2.92)
1.07 (27.18)
1.30 (33.02)
ø0.02 (0.5)
0.09
(2.50)
max
4 - ø0.02 (0.50)
1.07 (27.18)
0.55
(14.0)
max
0.70
(17.9)
max
0.87
(22.3)
1.00
(25.4)
1.07 (27.38)
1.20 (30.48)
3
4
2
1
1.07 (27.18)
0.80
(20.32)
0.10
(2.67)
0.083 (2.11)
0.10
(2.67)
0.40
(10.16)
BOTTOM VIEW
Open Frame (-P)
Encapsulated
Pin Connections
Pin
Single
1
ACN
2
ACL
3
-Vout
4
+Vout


Similar Part No. - VCE05US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCE05US48 XPPOWER-VCE05US48 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
More results

Similar Description - VCE05US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com