Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM39X7R Datasheet(PDF) 2 Page - Texas Instruments

Part # GRM39X7R
Description  LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM39X7R Datasheet(HTML) 2 Page - Texas Instruments

  GRM39X7R Datasheet HTML 1Page - Texas Instruments GRM39X7R Datasheet HTML 2Page - Texas Instruments GRM39X7R Datasheet HTML 3Page - Texas Instruments GRM39X7R Datasheet HTML 4Page - Texas Instruments GRM39X7R Datasheet HTML 5Page - Texas Instruments GRM39X7R Datasheet HTML 6Page - Texas Instruments GRM39X7R Datasheet HTML 7Page - Texas Instruments GRM39X7R Datasheet HTML 8Page - Texas Instruments GRM39X7R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TRF2050
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
SLWS030E– JUNE 1996 – REVISED OCTOBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Serial Control Shift Registers
Common Registers
EPM Registers
7025 Registers
Conversion and Selection‡
CLOCK
STROBE
Fraction
Accumulator
FMOD
5
NF
4
Fraction
Compensation
Control Lines
Compensation
Charge Pump
Phase
Detector
Proportional
Charge Pump
Reference
Divider
Integral
Charge Pump
4
CK
18
N
12
NR
Phase
Detector
Auxiliary
Charge Pump
Auxiliary
Divider
4/1
12
NA
PA
REFIN
AUXIN
RF
RN
PHI
LOCK/
TEST
RA
PHA
Main Divider
(N/N+1)
RFIN
RFIN
32/33
Prescaler
CL
2
CN
8
PHP
CL
2
CN
8
1 2 4 8
Select
Select
2
SM
2
SA
3
1
5
6
8
10
17
14
16
13
18
9
11
DATA
2
† Terminals 4, 7, 12, 15, and 20 are for supply voltage. Terminal 19 is for testing. These terminals are not shown.
‡ Conversion and selection block provides emulation of SA7025 64/65/72 triple-modulus prescaler operation using the TRF2050 32/33
dual-modulus prescaler.
EM+EA
EM
EA


Similar Part No. - GRM39X7R

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
GRM39X5R225K10H52V AMS-GRM39X5R225K10H52V Datasheet
590Kb / 18P
   3A 20V Step-Down Converter plus 1A LDO
More results

Similar Description - GRM39X7R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com