Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM39Y5V104Z016 Datasheet(PDF) 7 Page - Texas Instruments

Part # GRM39Y5V104Z016
Description  LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM39Y5V104Z016 Datasheet(HTML) 7 Page - Texas Instruments

Back Button GRM39Y5V104Z016 Datasheet HTML 3Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 4Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 5Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 6Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 7Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 8Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 9Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 10Page - Texas Instruments GRM39Y5V104Z016 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TRF2050
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
SLWS030E– JUNE 1996 – REVISED OCTOBER 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
charge-pump current output definitions
I2
I1
I2
I1
Current
Voltage
∆ IOUT REL
∆ IOUT MATCH
ISINK
ISOURCE
∆ IOUT REL
V1
V2
Figure 1. Charge-Pump Output Current Definitions
The relative output current variation is defined as the percent difference between charge-pump current output
at two charge-pump output voltages and the mean charge-pump current output (see Figure 1):
DI
OUT REL
I
OUT MEAN
+ 2
I
2
–I
1
I
2 )
I
1
× 100%; with V
1 +
0.7 V, V
2 +
V
DDA
–0.8 V.
Output current matching is defined as the difference between charge-pump sinking current output and
charge-pump sourcing current output at a given charge-pump output (see Figure 1).
∆IOUT MATCH = ISINK – ISOURCE; with V1 ≤ Voltage ≤ V2.
serial-data interface timing
DATA
CLOCK
STROBE
tsu_Data
th_Data
tw_CLKHI
tw_CLKLO
tw_STRBHI
th_Strobe
D0
D1
D30
D31
VH
VL
VH
VL
VH
VL
Valid
Change
tsu_Strobe
Figure 2. Serial-Data Interface Timing


Similar Part No. - GRM39Y5V104Z016

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
GRM39X5R225K10H52V AMS-GRM39X5R225K10H52V Datasheet
590Kb / 18P
   3A 20V Step-Down Converter plus 1A LDO
More results

Similar Description - GRM39Y5V104Z016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com