Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCK2048D12 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCK2048D12
Description  20 Watts JCK Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCK2048D12 Datasheet(HTML) 1 Page - XP Power Limited

  JCK2048D12 Datasheet HTML 1Page - XP Power Limited JCK2048D12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
20 Watts
2:1 Input Range
40 °C to +100 °C Operating Temperature
Single & Dual Outputs
Remote On/Off
High Efficiency
up to 93%
1600 VDC Isolation
3 Year Warranty
JCK Series
Input
Input Voltage Range
• 12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-75 VDC)
Input Current
• See table
Undervoltage Lockout
• 12 V models: ON 8.6 V, OFF 7.9 V typical
24 V models: ON 17.8 V, OFF 16 V typical
48 V models: ON 33.5 V, OFF 30.5 V typical
Input Surge
• 12 V models 36 VDC for 100 ms
24 V models 50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% max on single outputs
Minimum Load
• No minimum load required
Line Regulation
• ±0.5% max
Load Regulation
• Single output models: ±0.5% max
Dual output models: ±1% max
balanced outputs
Cross Regulation
• ±5% for dual outputs (see note 2)
Setpoint Accuracy
• ±1% max
Start Up Delay
• <20 ms
Start Up Rise Time
• <5 ms
Ripple & Noise
• 75 mV pk-pk (see note 3)
Transient Response
• ±3% max deviation, recovery to within
1% in 250 µs for a 25% load change
Temperature
• 0.02%/°C
Coefficient
Overvoltage Protection
• 3.3 V models: 3.9 V typical
5 V models: 6.2 V typical
12 V models: 15 V typical
15 V models: 18 V typical
±12 V models: ±15 V typical
±15 V models: ±18 V typical
Overload Protection
• >140% of full load at nominal input
Short Circuit Protection
• Trip & restart (hiccup mode), auto recovery
Remote On/Off
• On = Logic High (>3.0 V) or Open
Off = Logic Low (<1.2 V) or short pin 2 to
pin 6
Capacitive Load
• See table
xppower.com
General
Efficiency
• See table
Isolation
• 1600 VDC Input to Output
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• 1200 pF typical
Isolation Resistance
• 109
Ωmin
Switching Frequency
• 330 kHz typical
Power Density
• 25 W/in3
MTBF
• >680 kHrs minimum to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, derate from 100% load
at +70 °C to 0% load at +100 °C
Case Temperature
• +100 °C max
Cooling
• Convection-cooled
Operating Humidity
• Up to 95% RH, non-condensing
Storage Temperature
• -40 °C to +125 °C
EMC
Emissions
• EN55022, Class A conducted
& radiated with external components,
see application note
ESD Immunity
• EN61000-4-2, 8 kV air, 6 kV contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3 10 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4 level 3, Perf Criteria B*
Surge
• EN61000-4-5 level 2, Perf Criteria B*
Conducted Immunity
• EN61000-4-6 10 V/rms,Perf Criteria A
Magnetic Field
• EN61000-4-8 1 A/m, Perf Criteria A
*External input capacitor required 220 µF/100 V.


Similar Part No. - JCK2048D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
   2 1 Input Range
More results

Similar Description - JCK2048D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCK4012S3V3 XPPOWER-JCK4012S3V3 Datasheet
135Kb / 2P
   40 Watts JCK Series
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
   60 Watts JCK Series
RDC20 XPPOWER-RDC20 Datasheet
113Kb / 2P
   20 Watts RDC Series
JTM20 XPPOWER-JTM20 Datasheet
319Kb / 2P
   20 Watts JTM Series
logo
Anaren Microwave
20-50TPC-S ANAREN-20-50TPC-S Datasheet
218Kb / 2P
   20 Watts
20-50TP ANAREN-20-50TP Datasheet
280Kb / 2P
   20 Watts
logo
Astec America, Inc
APA06K04 ASTEC-APA06K04 Datasheet
269Kb / 2P
   20 Watts
AA20C ASTEC-AA20C Datasheet
561Kb / 2P
   20 Watts
logo
XP Power Limited
JTK2048D15 XPPOWER-JTK2048D15 Datasheet
114Kb / 2P
   15/20 Watts JTK Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com