Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITX2403SA Datasheet(PDF) 1 Page - XP Power Limited

Part # ITX2403SA
Description  ITX Series DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITX2403SA Datasheet(HTML) 1 Page - XP Power Limited

  ITX2403SA Datasheet HTML 1Page - XP Power Limited ITX2403SA Datasheet HTML 2Page - XP Power Limited ITX2403SA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ITX Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. For optional 3000 VDC isolation add suffix ‘-H’ to end of part number e.g. ITX1205SA-H.
2. For optional remote control add suffix ‘-R’ to end of part number e.g. ITX2412S-HR.
3. Input currents measured at nominal input voltage.
• 2:1 Input Range
• SIP-8 Plastic Case
• Operating Temperature -40 °C to +90 °C
• Single and Dual Outputs
• 1500 VDC Isolation, 3000 VDC Option
• Remote Control Option
• 3 Year Warranty
Dimensions:
ITX:
0.86 x 0.44 x 0.36” (21.85 x 11.1 x 9.2 mm)
6 Watt
Input Voltage
Output Voltage
Output Current
Input Current(3)
Maximum
Capacitive Load
Efficiency
Model Number(1,2)
No Load
Full Load
4.5-9 V
3.3 V
1300 mA
105 mA
1114 mA
6600 µF
77%
ITX0503SA
5.0 V
1200 mA
105 mA
1481 mA
3300 µF
81%
ITX0505SA
9.0 V
666 mA
105 mA
1445 mA
2000 µF
83%
ITX0509SA
12.0 V
500 mA
105 mA
1428 mA
1600 µF
84%
ITX0512SA
15.0 V
400 mA
105 mA
1428 mA
1400 µF
84%
ITX0515SA
24.0 V
250 mA
105 mA
1428 mA
680 µF
84%
ITX0524SA
±5.0 V
±600 mA
105 mA
1481 mA
±2000 µF
81%
ITX0505S
±12.0 V
±250 mA
105 mA
1428 mA
±900 µF
84%
ITX0512S
±15.0 V
±200 mA
105 mA
1428 mA
±660 µF
84%
ITX0515S
9-18 V
3.3 V
1300 mA
55 mA
458 mA
6600 µF
78%
ITX1203SA
5.0 V
1200 mA
55 mA
602 mA
3300 µF
83%
ITX1205SA
9.0 V
666 mA
55 mA
595 mA
2000 µF
84%
ITX1209SA
12.0 V
500 mA
55 mA
588 mA
1600 µF
85%
ITX1212SA
15.0 V
400 mA
55 mA
588 mA
1400 µF
85%
ITX1215SA
24.0 V
250 mA
55 mA
595 mA
680 µF
84%
ITX1224SA
±5.0 V
±600 mA
55 mA
609 mA
±2000 µF
82%
ITX1205S
±12.0 V
±250 mA
55 mA
595 mA
±900 µF
84%
ITX1212S
±15.0 V
±200 mA
55 mA
595 mA
±660 µF
84%
ITX1215S
18-36 V
3.3 V
1300 mA
30 mA
229 mA
6600 µF
78%
ITX2403SA
5.0 V
1200 mA
30 mA
301 mA
3300 µF
83%
ITX2405SA
9.0 V
666 mA
30 mA
294 mA
2000 µF
85%
ITX2409SA
12.0 V
500 mA
30 mA
294 mA
1600 µF
85%
ITX2412SA
15.0 V
400 mA
30 mA
290 mA
1400 µF
86%
ITX2415SA
24.0 V
250 mA
30 mA
294 mA
680 µF
85%
ITX2424SA
±5.0 V
±600 mA
30 mA
304 mA
±2000 µF
82%
ITX2405S
±12.0 V
±250 mA
30 mA
297 mA
±900 µF
84%
ITX2412S
±15.0 V
±200 mA
30 mA
297 mA
±660 µF
84%
ITX2415S
36-75 V
3.3 V
1300 mA
15 mA
114 mA
6600 µF
78%
ITX4803SA
5.0 V
1200 mA
15 mA
152 mA
3300 µF
82%
ITX4805SA
9.0 V
666 mA
15 mA
148 mA
2000 µF
84%
ITX4809SA
12.0 V
500 mA
15 mA
147 mA
1600 µF
85%
ITX4812SA
15.0 V
400 mA
15 mA
145 mA
1400 µF
86%
ITX4815SA
24.0 V
250 mA
15 mA
148 mA
680 µF
84%
ITX4824SA
±5.0 V
±600 mA
15 mA
152 mA
±2000 µF
82%
ITX4805S
±12.0 V
±250 mA
15 mA
147 mA
±900 µF
85%
ITX4812S
±15.0 V
±200 mA
15 mA
147 mA
±660 µF
85%
ITX4815S


Similar Part No. - ITX2403SA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ITX2403SA XPPOWER-ITX2403SA Datasheet
297Kb / 3P
   DC-DC Converter
More results

Similar Description - ITX2403SA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
   VBD20 Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com