Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITX1215S Datasheet(PDF) 2 Page - XP Power Limited

Part # ITX1215S
Description  ITX Series DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITX1215S Datasheet(HTML) 2 Page - XP Power Limited

  ITX1215S Datasheet HTML 1Page - XP Power Limited ITX1215S Datasheet HTML 2Page - XP Power Limited ITX1215S Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ITX Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
See Models and Ratings table
Output Voltage Balance
±2
%
Dual output models
Initial Set Accuracy
±1
%
Minimum Load
0A
Line Regulation
±0.2
%
Load Regulation
±1
%
From 0-100%
Cross Regulation
±5.0
%
Dual output models when one load is varied between 25% and
100% and the other is fixed at 100% load
Start Up Delay
30
ms
Ripple and Noise
75
mV pk-pk
20 MHz bandwidth, measured using 0.1 µF capacitor
Transient Response
3
% deviation
Recovery to within 1% in 500 µs for a 25% load change (5%
max. deviation for 3.3 & 5 V models)
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/˚C
Remote On/Off
Optional by adding suffix -R to model number. Output off: 2-4 mA via 1K
Ωresistorintopin3withrespectto-Vin.
Output on: Open or high impedance.
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.5
9
VDC
5 V nominal
9
18
VDC
12 V nominal
18
36
VDC
24 V nominal
36
75
VDC
48 V nominal
Input Current
See Models and Ratings table
Input Reflected Ripple
30
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
15
VDC for 100 ms
5 V models
25
VDC for 100 ms
12 V models
50
VDC for 100 ms
24 V models
100
VDC for 100 ms
48 V models
Input Filter
Capacitor
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
See Models and Ratings table
Isolation: Input to Output
1500
VDC
For optional high isolation versions, 3000 VDC input to
output add suffix -H to model number
Switching Frequency
0.1
1.5
MHz
Variable
Isolation Resistance
109
Ω
Isolation Capacitance
50
pF
Input to output
Power Density
44
Win3
Mean Time Between Failure
770
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.011 (4.8)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+90
°C
Derate from 100% load at +65 °C to 20% load at 90 °C,
for all models except 5 V and ±5 V models: derate from
100% load at 55 °C to 20% load at 90 °C)
Storage Temperature
-55
+125
°C
Case Temperature
+105
°C
Operating Humidity
95
% RH
Non-condensing
Cooling
Natural convection


Similar Part No. - ITX1215S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ITX1215S XPPOWER-ITX1215S Datasheet
297Kb / 3P
   DC-DC Converter
ITX1215SA XPPOWER-ITX1215SA Datasheet
297Kb / 3P
   DC-DC Converter
More results

Similar Description - ITX1215S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
   VBD20 Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com