Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCK4024S3V3 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCK4024S3V3
Description  40 Watts JCK Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCK4024S3V3 Datasheet(HTML) 1 Page - XP Power Limited

  JCK4024S3V3 Datasheet HTML 1Page - XP Power Limited JCK4024S3V3 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
40 Watts
2:1 Input Range
Very High Power Density
Single and Dual Outputs
High Efficiency
Up to 92%
Remote On/Off
1600 VDC Isolation
3 Year Warranty
JCK Series
Input
Input Voltage Range
• 12 V (9-18 VDC),
24 V (18-36 VDC),
48 V (36-75 VDC)
Input Current
• See table
Input Reflected
• 20 mA pk-pk through 12 µH inductor,
Ripple Current
5 Hz to 20 MHz
Undervoltage Lockout
• 12 V models: ON 8.6 V, OFF 7.9 V typical
24 V models: ON 17.8 V, OFF 16 V typical
48 V models: ON 33.5 V, OFF 30.5 V typical
Input Surge
• 12 V models 25 VDC for 1000 ms
24 V models 50 VDC for 1000 ms
48 V models 100 VDC for 1000 ms
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% on single outputs models only,
contact sales for details
Minimum Load
• No minimum load required
Line Regulation
• ±0.5% max
Load Regulation
• Single output models: ±0.5% max
Dual output models: ±1% max
balanced outputs
Cross Regulation
• ±5% (see note 2)
Setpoint Accuracy
• ±1%
Start Up Time
• 30 ms typical
Ripple & Noise
• 100 mV for 3V3 +5 V models,
150 mV for other models (see note 3)
Transient Response
• 3% max deviation, recovery to within
1% in <250 µs for a 25% load change
Temperature
• 0.02%/˚C
Coefficient
Overvoltage Protection
• 3.3 V models: 3.9 V typical
5 V models: 6.2 V typical
12 V models: 15 V typical
15 V models: 18 V typical
±12 V models: ±15 V typical
±15 V models: ±18 V typical
Overload Protection
• 115-130% of output current
Short Circuit Protection
• Trip & restart (Hiccup mode),
auto recovery
Remote On/Off
• On = Logic High (>3.0) or Open
Off = Logic Low (<1.2 V) or short pin 2
to 3
xppower.com
General
Efficiency
• See table
Isolation
• 1600 VDC Input to Output
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• 1000 pF typical
Switching Frequency
• 270 kHz typical
Power Density
• 50 W/in3
MTBF
• 330 kHrs min to MIL-HDBK-217F
at 25 ˚C, GB
Environmental
Operating Temperature
• -40 ˚C to +70` ˚C, derate from 100% load
at 55 °C to 60% load at 70 °C
Case Temperature
• +105 ˚C max
Cooling
• Convection-cooled
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 ˚C to +125 ˚C
EMC
Emissions
• EN55022 class B conducted & radiated
with external components, see application
note
ESD Immunity
• EN61000-4-2, 4 kV contact discharge,
Perf Criteria B
Radiated Immunity
• EN61000-4-3, 3 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 1, Perf Criteria A*
Surge
• EN61000-4-5, level 1, Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 Vrms, Perf Criteria A
Magentic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
*External input capacitor required, 220 µF/100 V.


Similar Part No. - JCK4024S3V3

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCK JBCAPACITORS-JCK Datasheet
356Kb / 1P
   Designed for surface mounting on high density circuit board
logo
XP Power Limited
JCK1512D03 XPPOWER-JCK1512D03 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D05 XPPOWER-JCK1512D05 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D12 XPPOWER-JCK1512D12 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D15 XPPOWER-JCK1512D15 Datasheet
287Kb / 2P
   2:1 Input Range
More results

Similar Description - JCK4024S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
JCK2012S3V3 XPPOWER-JCK2012S3V3 Datasheet
294Kb / 2P
   20 Watts JCK Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
   60 Watts JCK Series
JTL4024S3V3 XPPOWER-JTL4024S3V3 Datasheet
250Kb / 2P
   40 Watts JTL Series
ECP40US05 XPPOWER-ECP40US05 Datasheet
179Kb / 2P
   40 Watts ECP Series
logo
Astec America, Inc
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
   40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
   40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
   40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
   40 Watts
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
   40 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com