Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92661-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92661-Q1
Description  High-Brightness LED Matrix Manager for Automotive Headlight Systems
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92661-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS92661-Q1 Datasheet HTML 1Page - Texas Instruments TPS92661-Q1 Datasheet HTML 2Page - Texas Instruments TPS92661-Q1 Datasheet HTML 3Page - Texas Instruments TPS92661-Q1 Datasheet HTML 4Page - Texas Instruments TPS92661-Q1 Datasheet HTML 5Page - Texas Instruments TPS92661-Q1 Datasheet HTML 6Page - Texas Instruments TPS92661-Q1 Datasheet HTML 7Page - Texas Instruments TPS92661-Q1 Datasheet HTML 8Page - Texas Instruments TPS92661-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
TPS92661-Q1
www.ti.com
SLUSBU2A – SEPTEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: TPS92661-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
MIN
MAX
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002 (1)
–2000
2000
V
Charged device model (CDM), per AEC Q100-
011
All Pins
–750
750
(1)
Minimum fclk is applicable only when CKWEN bit is set. fclk as low as 0 Hz is possible when bit is not set.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply input voltage range
4.5
5.5
V
VI
Input voltage range per channel LEDx to LED(x-1)
5.0
V
IO
Output current range
LEDx to LED(x-1), continuous
2.0
A
LEDx to LED(x-1), pulsed, 1-ms
duration
4.0
fCLK
CLK frequency(1)
0.1
16
MHz
DCLK
CLK duty cycle
40%
60%
tEW
EN input pulse width low
50
ns
tESS
EN setup to serial start
24/fCLK
s
tSW
SYNC input pulse width
1/fCLK
s
VIH
High-level input voltage
1.9
VVCC + 0.3 V
V
VIL
Low-level input voltage
GND – 0.3 V
0.8
V
TA
Ambient temperature
–40
125
°C
TJ
Junction temperature
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS92661-Q1
UNITS
TQFP (PHP)
48 Pins
RθJA
Junction-to-ambient thermal resistance
25.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
10.5
RθJB
Junction-to-board thermal resistance
6.1
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
6.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.3


Similar Part No. - TPS92661-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with IC OTP ROM Current Trim
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP TI1-TPS92660PWP Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP/NOPB TI1-TPS92660PWP/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR TI1-TPS92660PWPR Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
More results

Similar Description - TPS92661-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92663-Q1 TI1-TPS92663-Q1 Datasheet
739Kb / 11P
[Old version datasheet]   High-Brightness LED Matrix Manager for Automotive Headlight Systems
TPS92662-Q1 TI1-TPS92662-Q1 Datasheet
771Kb / 12P
[Old version datasheet]   High-Brightness LED Matrix Manager for Automotive Headlight Systems
TPS92663A-Q1 TI-TPS92663A-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   TPS92663A-Q1 High-brightness LED Matrix Manager for Automotive Headlight Systems
TPS92662A-Q1 TI1-TPS92662A-Q1 Datasheet
126Kb / 5P
[Old version datasheet]   TPS92662A-Q1 High Brightness LED Matrix Manager with EMI Mitigation Techniques
logo
Maxim Integrated Produc...
MAX20092 MAXIM-MAX20092 Datasheet
407Kb / 2P
   12-Switch Matrix Manager for Automotive Lighting
2018
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
   High Performance LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
   High brightness LED array driver with diagnostics for automotive
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com