Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C566C-BFF-CT0V0351 Datasheet(PDF) 10 Page - Cree, Inc

Part # C566C-BFF-CT0V0351
Description  Cree Screen Master 5-mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-BFF-CT0V0351 Datasheet(HTML) 10 Page - Cree, Inc

Back Button C566C-BFF-CT0V0351 Datasheet HTML 2Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 3Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 4Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 5Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 6Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 7Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 8Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 9Page - Cree, Inc C566C-BFF-CT0V0351 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree 5-mm Oval LED
C566C-RFF/GFF/BFF/AFF
C566C-RFE/GFE/BFE/AFE
PACKAGING
Features:
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
The boxes are not water resistant, and they must be kept away from water and moisture.
The Bulk Pack types of packaging.
Max 500 pcs per bulk and Max 2500 pcs per ammo.
Bulk Pack Packaging Type:
20 bags/carton
Label
COLOR LED LAMP
JOWAXXXXX -XX-XXX
AXXXXXXXXXXX
(anti-electrostatic
bag)
Hue
TYPE
QTY
RANK
LOT
Iv
xxx xxx
Vf
(
)
XX
(
)
LXXXXXXXX-XXX
PCS
X
(
)
XX
R
Ammo Pack Packaging Type:
TYPE
LXXXXXXXX-XXX
PCS
X
QTY
RANK
LOT
Iv
JOWAXXXXX -XX-XXX
XX
AXXXXXXXXXXX
XX
Vf
Hue
(
)
(
)
(
)
xxx xxx
COLOR LED LAMP
ANODE


Similar Part No. - C566C-BFF-CT0V0351

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-BFN CREE-C566C-BFN Datasheet
313Kb / 6P
   5mm Oval LED
C566C-BFN CREE-C566C-BFN Datasheet
652Kb / 10P
   5mm Oval LED
C566C-BFN-CS0W0351 CREE-C566C-BFN-CS0W0351 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Marktech Corporate
C566C-BFN-CS0W0351 MARKTECH-C566C-BFN-CS0W0351 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
logo
Cree, Inc
C566C-BFN-CS0W0352 CREE-C566C-BFN-CS0W0352 Datasheet
652Kb / 10P
   5mm Oval LED
More results

Similar Description - C566C-BFF-CT0V0351

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
C566D-RFF CREE-C566D-RFF Datasheet
860Kb / 12P
   Cree Screen Master 5-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com