Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCK4012S3V3 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCK4012S3V3
Description  40 Watts JCK Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCK4012S3V3 Datasheet(HTML) 2 Page - XP Power Limited

  JCK4012S3V3 Datasheet HTML 1Page - XP Power Limited JCK4012S3V3 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21-Jan-11
Input Voltage
Output Voltage
Output Current
Input Current (1)
Maximum
Capacitive Load
Efficiency
Model Number
No Load
Full Load
9-18 VDC
3.3 V
8.00 A
100 mA
2444 mA
21000 µF
90%
JCK4012S3V3
5.0 V
8.00 A
150 mA
3663 mA
13000 µF
91%
JCK4012S05
12.0 V
3.33 A
40 mA
3663 mA
2000 µF
91%
JCK4012S12
15.0 V
2.67 A
50 mA
3663 mA
1500 µF
91%
JCK4012S15
±12.0 V
±1.67 A
30 mA
3663 mA
±1200 µF
91%
JCK4012D12
±15.0 V
±1.33 A
50 mA
3623 mA
±750 µF
92%
JCK4012D15
18-36 VDC
3.3 V
8.00 A
60 mA
1208 mA
21000 µF
91%
JCK4024S3V3
5.0 V
8.00 A
80 mA
1811 mA
13000 µF
92%
JCK4024S05
12.0 V
3.33 A
30 mA
1831 mA
2000 µF
91%
JCK4024S12
15.0 V
2.67 A
40 mA
1811 mA
1500 µF
92%
JCK4024S15
±12.0 V
±1.67 A
50 mA
1831 mA
±1200 µF
91%
JCK4024D12
±15.0 V
±1.33 A
40 mA
1811 mA
±750 µF
92%
JCK4024D15
36-75 VDC
3.3 V
8.00 A
40 mA
604 mA
21000 µF
91%
JCK4048S3V3
5.0 V
8.00 A
60 mA
905 mA
13000 µF
92%
JCK4048S05
12.0 V
3.33 A
20 mA
915 mA
2000 µF
91%
JCK4048S12
15.0 V
2.67 A
20 mA
905 mA
1500 µF
92%
JCK4048S15
±12.0 V
±1.67 A
30 mA
906 mA
±1200 µF
92%
JCK4048D12
±15.0 V
±1.33 A
40 mA
906 mA
±750 µF
92%
JCK4048D15
JCK40
Notes
1. Input current specified at nominal input.
2. Cross regulation for duals is ±5% when one output is at 100% and the other is
varied between 25% and 100%.
3. Measured with 1 µF ceramic capacitor in parallel with a 10 µF electrolytic
across output rails.
0.10
(2.54)
0.20
(5.00)
0.10
(2.54)
0.60 (15.24)
0.20
(5.08)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.10
(2.54)
0.10
(2.59)
45
1
2
3
6
Bottom View
0.10
(2.5)
0.20
(5.0)
DIA.
0.04
(1.00)
0.02
(0.50)
0.40
(10.16)
0.20
(5.08)
min
2.00
(50.80)
Ø 0.04
(1.00)
1.0 (25.4)
Mechanical Details
Application Notes
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off Remote On/Off
4
+Vout
+Vout
5
Com
Com
6
Trim
-Vout
JCK40 Single
C1
L1
C2/C3/C5]/C6
C4
12 V
220 µF, 100 V Common Mode
Choke 68 µH
6.8 µF, 50 V
330 µF, 100 V
24 V
4.7 µF, 50 V
220 µF, 100 V
48 V
1.5 µF, 1000 V
220 µF, 100 V
JCK40 Dual
C1
L1
C2/C3/C5/C6
C4
12 V
220 µF, 100 V Common Mode
Choke 68 µH
6.8 µF, 50 V
330 µF, 100 V
24 V
4.7 µF, 50 V
220 µF, 100 V
48 V
1.5 µF, 1000 V
220 µF, 100 V
JCK40 Single
C7
C8
C9
12 V
1000 pF, 2 kV
24 V
1000 pF, 2 kV
1000 pF, 2 kV
48 V
1000 pF, 2 kV
1000 pF, 2 kV
JCK40 Dual
C7
C8
12 V
1000 pF, 2 kV
1000 pF, 2 kV
24 V
1000 pF, 2 kV
1000 pF, 2 kV
48 V
1000 pF, 2 kV
1000 pF, 2 kV
1. All dimensions are in inches (mm).
2. Weight: 0.07 lbs (30 g) approx
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
DC/DC
Converter
(Single)
+Vout
+Vin
-
+
-
+
-
Vin
Load
C8
Com
C1 C2 C3
L1
C4 C5 C6
C7
C9
+Vout
+Vin
-Vin
Load
-Vout
C1 C2 C3
L1
C4 C5 C6
Com
C7
C8
DC/DC
Converter
(Dual)
Input Filter
Models and Ratings
External Output Trim
R trim-up
R trim-down
6
5
6
4
Output can be externally
trimmed using this method.
Contact sales for details.


Similar Part No. - JCK4012S3V3

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCK JBCAPACITORS-JCK Datasheet
356Kb / 1P
   Designed for surface mounting on high density circuit board
logo
XP Power Limited
JCK1512D03 XPPOWER-JCK1512D03 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D05 XPPOWER-JCK1512D05 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D12 XPPOWER-JCK1512D12 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D15 XPPOWER-JCK1512D15 Datasheet
287Kb / 2P
   2:1 Input Range
More results

Similar Description - JCK4012S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
JCK2012S3V3 XPPOWER-JCK2012S3V3 Datasheet
294Kb / 2P
   20 Watts JCK Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
   60 Watts JCK Series
JTL4024S3V3 XPPOWER-JTL4024S3V3 Datasheet
250Kb / 2P
   40 Watts JTL Series
ECP40US05 XPPOWER-ECP40US05 Datasheet
179Kb / 2P
   40 Watts ECP Series
logo
Astec America, Inc
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
   40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
   40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
   40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
   40 Watts
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
   40 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com