Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C566D-GFF-CY14Q7S2 Datasheet(PDF) 7 Page - Cree, Inc

Part # C566D-GFF-CY14Q7S2
Description  Cree Screen Master 5-mm Oval LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566D-GFF-CY14Q7S2 Datasheet(HTML) 7 Page - Cree, Inc

Back Button C566D-GFF-CY14Q7S2 Datasheet HTML 3Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 4Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 5Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 6Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 7Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 8Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 9Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 10Page - Cree, Inc C566D-GFF-CY14Q7S2 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree 5-mm Oval LED
C566D-RFF/GFF/BFF/AFF
C566D-RFE/GFE/BFE/AFE
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Stand-
off
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Blue
C566D-BFF-CU0W0351
1520
4180
B3
460
B5
475
Bulk
Yes
Blue
C566D-BFF-CU14Q3S1
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Bulk
Yes
Blue
C566D-BFF-CU14Q4S1
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Bulk
Yes
Blue
C566D-BFF-CU34Q3S1
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Bulk
Yes
Blue
C566D-BFF-CU34Q4S1
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Bulk
Yes
Blue
C566D-BFE-CU0W0351
1520
4180
B3
460
B5
475
Bulk
No
Blue
C566D-BFE-CU14Q3S1
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Bulk
No
Blue
C566D-BFE-CU14Q4S1
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Bulk
No
Blue
C566D-BFE-CU34Q3S1
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Bulk
No
Blue
C566D-BFE-CU34Q4S1
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Bulk
No
Blue
C566D-BFF-CU0W0352
1520
4180
B3
460
B5
475
Ammo
Yes
Blue
C566D-BFF-CU14Q3S2
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Ammo
Yes
Blue
C566D-BFF-CU14Q4S2
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Ammo
Yes
Blue
C566D-BFF-CU34Q3S2
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Ammo
Yes
Blue
C566D-BFF-CU34Q4S2
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Ammo
Yes
Blue
C566D-BFE-CU0W0352
1520
4180
B3
460
B5
475
Ammo
No
Blue
C566D-BFE-CU14Q3S2
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Ammo
No
Blue
C566D-BFE-CU14Q4S2
Any 4 consecutive sub-bins:
U1(1520) - V2 (2564)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Ammo
No
Blue
C566D-BFE-CU34Q3S2
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B3 (460nm) to B4 (470nm)
Ammo
No
Blue
C566D-BFE-CU34Q4S2
Any 4 consecutive sub-bins:
U3(1824) - V4 (3000)
Any 1 color bin from B4 (465nm) to B5 (475nm)
Ammo
No


Similar Part No. - C566D-GFF-CY14Q7S2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C566C MARKTECH-C566C Datasheet
652Kb / 10P
   5mm Oval LED
logo
Cree, Inc
C566C-AFE-CU0V0341 CREE-C566C-AFE-CU0V0341 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0V0342 CREE-C566C-AFE-CU0V0342 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0W0251 CREE-C566C-AFE-CU0W0251 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0W0252 CREE-C566C-AFE-CU0W0252 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
More results

Similar Description - C566D-GFF-CY14Q7S2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
C566C-RFF CREE-C566C-RFF Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com