Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA1A-WKW-CXaYb153 Datasheet(PDF) 8 Page - Cree, Inc

Part # CLA1A-WKW-CXaYb153
Description  Cree PLCC4 1 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLA1A-WKW-CXaYb153 Datasheet(HTML) 8 Page - Cree, Inc

Back Button CLA1A-WKW-CXaYb153 Datasheet HTML 3Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 4Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 5Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 6Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 7Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 8Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 9Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 10Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree PLCC4 1 in 1 SMD LED
CLA1A-WKW/MKW
GRAPHS
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
0.0
If (mA)
Vf(V)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
1.0
0.0
FORWARD CURRENT
0.0
2.0
3.0
4.0
5.0
IF(mA)
WL(nm)
80%
20%
40%
60%
0%
100%
600
400
500
450
550
650
700
(RELATIVE LUMINOUS INTENSITY)
750
5000K - 10000K CCT
3700K - 5000K CCT
2600K - 3700K CCT
4.4
2.8
3.6
3.2
4.0
4.8
10.0
20.0
40.0
30.0
50.0
40
20
80
60
100
-10
VS. REVERSE VOLTAGE.
FIG.3 REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
IF(mA)
0
30
10
20
50
40
40
20
80
60
100
0
Ta( C)
Rth j-a=350 C/W
Rth j-s=200 C/W
FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT
TEMPERATURE (Tjmax=110 C)
-90
-60
-30
0
0
0.5
1.0
30
60
90
Angle
FIG.6 FAR FIELD PATTERN
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)


Similar Part No. - CLA1A-WKW-CXaYb153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLA1A-WKW-CXaYb153 MARKTECH-CLA1A-WKW-CXaYb153 Datasheet
542Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results

Similar Description - CLA1A-WKW-CXaYb153

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
   Cree PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com