Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5SMF-BJE-CT34Q3T2 Datasheet(PDF) 9 Page - Cree, Inc

Part # C5SMF-BJE-CT34Q3T2
Description  Cree Screen Master 5-mm Oval LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMF-BJE-CT34Q3T2 Datasheet(HTML) 9 Page - Cree, Inc

Back Button C5SMF-BJE-CT34Q3T2 Datasheet HTML 3Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 4Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 5Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 6Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 7Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 8Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 9Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 10Page - Cree, Inc C5SMF-BJE-CT34Q3T2 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
Cree 5-mm Oval LED
C5SMF-RJF/GJF/BJF
C5SMF-RJE/GJE/BJE
C5SME-RJF/RJE
MECHANICAL DIMENSIONS
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
NOTES
Lead Frame Materials
Ag-plated and Lead-free Solder-plated iron.
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
C5SMF-RJF/GJF/BJF&C5SME-RJF:
C5SMF-RJE/GJE/BJE&C5SME-RJE:


Similar Part No. - C5SMF-BJE-CT34Q3T2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-BJS CREE-C5SMF-BJS Datasheet
521Kb / 10P
   5-mm Oval LED
C5SMF-BJS-CR0U0351 CREE-C5SMF-BJS-CR0U0351 Datasheet
521Kb / 10P
   5-mm Oval LED
logo
Marktech Corporate
C5SMF-BJS-CR0U0351 MARKTECH-C5SMF-BJS-CR0U0351 Datasheet
521Kb / 10P
   Cree짰 Screen Master짰 5-mm Oval LED
logo
Cree, Inc
C5SMF-BJS-CR0U0352 CREE-C5SMF-BJS-CR0U0352 Datasheet
521Kb / 10P
   5-mm Oval LED
logo
Marktech Corporate
C5SMF-BJS-CR0U0352 MARKTECH-C5SMF-BJS-CR0U0352 Datasheet
521Kb / 10P
   Cree짰 Screen Master짰 5-mm Oval LED
More results

Similar Description - C5SMF-BJE-CT34Q3T2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-RFF CREE-C566C-RFF Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566D-RFF CREE-C566D-RFF Datasheet
860Kb / 12P
   Cree Screen Master 5-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com