Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92640PWPT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS92640PWPT
Description  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92640PWPT Datasheet(HTML) 5 Page - Texas Instruments

  TPS92640PWPT Datasheet HTML 1Page - Texas Instruments TPS92640PWPT Datasheet HTML 2Page - Texas Instruments TPS92640PWPT Datasheet HTML 3Page - Texas Instruments TPS92640PWPT Datasheet HTML 4Page - Texas Instruments TPS92640PWPT Datasheet HTML 5Page - Texas Instruments TPS92640PWPT Datasheet HTML 6Page - Texas Instruments TPS92640PWPT Datasheet HTML 7Page - Texas Instruments TPS92640PWPT Datasheet HTML 8Page - Texas Instruments TPS92640PWPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS92640, TPS92641
www.ti.com
SNVS902A – OCTOBER 2012 – REVISED OCTOBER 2015
6.4 Thermal Information
TPS92640
TPS92641
THERMAL METRIC(1)
PWP (HTSSOP)
PWP (HTSSOP)
UNIT
14 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
40.1
38.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.6
22.7
°C/W
RθJB
Junction-to-board thermal resistance
20.9
16.5
°C/W
ψJT
Junction-to-top characterization parameter
0.6
0.6
°C/W
ψJB
Junction-to-board characterization parameter
20.7
16.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.5
1.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS92640 TPS92641


Similar Part No. - TPS92640PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640PWPT TI-TPS92640PWPT Datasheet
207Kb / 10P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPT TI1-TPS92640PWPT Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Similar Description - TPS92640PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640 TI-TPS92640 Datasheet
207Kb / 10P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_15 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com