Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92515QDGQRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92515QDGQRQ1
Description  2-A, Buck LED Driver with Integrated N-channel FET,High-Side Current Sense, and Shunt FET PWM Dimming Capability
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92515QDGQRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS92515QDGQRQ1 Datasheet HTML 1Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 2Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 3Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 4Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 5Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 6Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 7Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 8Page - Texas Instruments TPS92515QDGQRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
TPS92515, TPS92515-Q1, TPS92515HV, TPS92515HV-Q1
SLUSBZ6A – APRIL 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS92515 TPS92515-Q1 TPS92515HV TPS92515HV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
DRN to SW. Absolute maximum not to be exceeded.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, DRN, CSN to GND
TPS92515, TPS92515-Q1
–0.3
45.0
V
TPS92515HV, TPS92515HV-Q1
–0.3
65.0
SW to GND
TPS92515, TPS92515-Q1
-1.0
45.0
TPS92515HV, TPS92515HV-Q1
-1.0
65.0
DRN to SW
TPS92515, TPS92515-Q1
–0.3
45.0
TPS92515HV, TPS92515HV-Q1
–0.3
65.0
BOOT to GND
TPS92515, TPS92515-Q1
–0.3
50.5
TPS92515HV, TPS92515HV-Q1
–0.3
70.5
COFF, IADJ, PWM to GND
–0.3
5.5
BOOT to SW
–0.3
5.5
VCC to GND
-0.3
5.5
VIN to CSN
–0.3
0.3
SW to GND, 10-ns transient (2)
–2.0
Storage temperature, Tstg
-40
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
TPS92515, TPS92515-Q1
5.5
42
V
TPS92515HV, TPS92515HV-Q1
5.5
65
TA
Operating ambient temperature
125
°C
TJ
Operating junction temperature
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and device Package Thermal Metrics
application report, SPRA953.
7.4
Thermal Information
THERMAL METRIC(1)
TPS92515
UNIT
HVSSOP
10 PINS
RθJA
Junction-to-ambient thermal resistance
56.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.7
°C/W
RθJB
Junction-to-board thermal resistance
32.1
°C/W
ψJT
Junction-to-top characterization parameter
1.5
°C/W
ψJB
Junction-to-board characterization parameter
31.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.3
°C/W


Similar Part No. - TPS92515QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQRQ1 TI1-TPS92515AHVQDGQRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQTQ1 TI1-TPS92515AHVQDGQTQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
More results

Similar Description - TPS92515QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834_10 Datasheet
204Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
Microsemi Corporation
NX2415 MICROSEMI-NX2415 Datasheet
654Kb / 21P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com