Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92515HVDGQR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92515HVDGQR
Description  2-A, Buck LED Driver with Integrated N-channel FET,High-Side Current Sense, and Shunt FET PWM Dimming Capability
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92515HVDGQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92515HVDGQR Datasheet HTML 5Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 6Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 7Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 8Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 9Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 10Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 11Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 12Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
VCC
VCC
Regulator
IADJ
COFF
20 µA
1.0 V
Control
Logic
SW
Boot
UVLO
100 µA
VIN
CSN
+
R
R
DRN
VCCUVLO
+
+
2.4 V
10 R
T
Thermal
Shutdown
T
Internal
N-channel FET
Thermal
Shutdown
PWM
5
+
1.0 V
BOOT
VCCUVLO
PWM
GND
+
250-µs (max)
off-time
Gate
LEB
Gate
5 mA
9
TPS92515, TPS92515-Q1, TPS92515HV, TPS92515HV-Q1
www.ti.com
SLUSBZ6A – APRIL 2016 – REVISED AUGUST 2016
Product Folder Links: TPS92515 TPS92515-Q1 TPS92515HV TPS92515HV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS92515 is an internal N-channel MOSFET (monolithic NFET) hysteric control, buck regulator. Hysteretic
operation allows a high control bandwidth and is ideal for shunt FET and LED matrix applications (series LED
switched network). The high-side differential current sense with low adjustable threshold voltage via a 10:1
divider, provides an excellent method for regulating output current while maintaining high system efficiency. The
device uses a controlled OFF-time (COFT) architecture to allow the converter to operate in both continuous
conduction mode (CCM) and discontinuous conduction mode (DCM) with no external control loop compensation,
and provides an inherent cycle-by-cycle current limit.
The adjustable current sense threshold provides the capability for analog dimming the LED current over the full
range and the PWM dimming input allows for high-frequency PWM dimming control requiring no external
components. Configuration options allow for easy implementation of external shunt FET dimming. See also the
OFF-Timer, Shunt FET Dimming or Shunted Output Condition section.
The device does not internally limit the maximum attainable average LED current. It does have a thermal limit
based on the maximum junction temperature. The maximum junction temperature is a function of the system
operating points (efficiency, ambient temperature, thermal management), component choices, and switching
frequency. This functionality allows the device to provide constant currents up to 1 A in a wide variety of
applications and up to 2 A in a smaller sub-set of applications. This simple regulator contains all the features
necessary to implement a high-efficiency, versatile, high-performance LED driver.
8.2 Functional Block Diagram


Similar Part No. - TPS92515HVDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQRQ1 TI1-TPS92515AHVQDGQRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQTQ1 TI1-TPS92515AHVQDGQTQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
More results

Similar Description - TPS92515HVDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834_10 Datasheet
204Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
Microsemi Corporation
NX2415 MICROSEMI-NX2415 Datasheet
654Kb / 21P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com