Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92515HVDGQR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92515HVDGQR
Description  2-A, Buck LED Driver with Integrated N-channel FET,High-Side Current Sense, and Shunt FET PWM Dimming Capability
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92515HVDGQR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92515HVDGQR Datasheet HTML 2Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 3Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 4Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 5Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 6Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 7Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 8Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 9Page - Texas Instruments TPS92515HVDGQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
TPS92515, TPS92515-Q1, TPS92515HV, TPS92515HV-Q1
SLUSBZ6A – APRIL 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS92515 TPS92515-Q1 TPS92515HV TPS92515HV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 40 V, –40°C ≤ TJ ≤ 150°C, VBOOT is referenced to SW pin, unless otherwise specified.
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
175
°C
TSD(hyst)
Thermal shutdown hysteresis
10


Similar Part No. - TPS92515HVDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQRQ1 TI1-TPS92515AHVQDGQRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQTQ1 TI1-TPS92515AHVQDGQTQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
More results

Similar Description - TPS92515HVDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834_10 Datasheet
204Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
Microsemi Corporation
NX2415 MICROSEMI-NX2415 Datasheet
654Kb / 21P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com