Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF6900APTRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF6900APTRG4
Description  SINGLE- CHIP RF TRANSCEIVER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF6900APTRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF6900APTRG4 Datasheet HTML 3Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 4Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 5Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 6Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 7Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 8Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 9Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 10Page - Texas Instruments TRF6900APTRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TRF6900A
SINGLECHIP RF TRANSCEIVER
SLAS258E − SEPTEMBER 2000 − REVISED AUGUST 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over full range of operating conditions, (typical values are at PA_VCC,
PLL_VCC, DDS_VCC, DIG_VCC, DEM_VCC, MIX_VCC, LNA_VCC =
3 V, TA = 25°C) (unless otherwise
noted) (continued)
LNA/RF mixer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RF frequency range
850
950
MHz
LNA gain
LNA in normal mode
9
13
dB
LNA gain
LNA in low-gain mode
2
dB
LNA noise figure
LNA in normal mode
3.3
5.5
dB
LNA input 1-dB compression
LNA in normal mode
−20
−15
dBm
LNA input 1-dB compression
LNA in low-gain mode
−18
−13
dBm
LNA input IP3
LNA in normal mode
−12
−5
dBm
LNA input IP3
LNA in low-gain mode
−6
1
dBm
LNA input impedance
See Figure 3
LNA output impedance
See Figure 4
LO frequency range
850
950
MHz
IF frequency range
10
21.4
MHz
Mixer conversion gain
3
7.5
dB
Mixer SSB noise figure
IF frequency = 10.7 MHz
17.5
dB
Mixer input impedance
See Figure 5
Mixer input IP3
−7
1
dBm
Mixer input 1-dB compression
−9
dBm
LO level at mixer input
−35
dBm
Mixer output impedance
IF frequency = 10.7 MHz, See Figure 6
330
VCO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency range
850
950
MHz
Tuning range
30
MHz
Phase noise
50-kHz offset
−86
dBc/Hz
Tuning voltage
0.5
VCC−0.4
V


Similar Part No. - TRF6900APTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900APTR TI-TRF6900APTR Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results

Similar Description - TRF6900APTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com