Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF6900A Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF6900A
Description  SINGLE- CHIP RF TRANSCEIVER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF6900A Datasheet(HTML) 4 Page - Texas Instruments

  TRF6900A Datasheet HTML 1Page - Texas Instruments TRF6900A Datasheet HTML 2Page - Texas Instruments TRF6900A Datasheet HTML 3Page - Texas Instruments TRF6900A Datasheet HTML 4Page - Texas Instruments TRF6900A Datasheet HTML 5Page - Texas Instruments TRF6900A Datasheet HTML 6Page - Texas Instruments TRF6900A Datasheet HTML 7Page - Texas Instruments TRF6900A Datasheet HTML 8Page - Texas Instruments TRF6900A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TRF6900A
SINGLECHIP RF TRANSCEIVER
SLAS258E − SEPTEMBER 2000 − REVISED AUGUST 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
VCO
Direct Digital Synthesizer,
Power-Down Logic,
and Buffers
LOCKDET
PD_OUT1
PD_OUT2
PD_SET
PLL
PA_GND
PA_OUT
PA_VCC
LNA_GND
LNA_IN
LNA_GND
PLL_VCC
RF
Mixer
1st IF
Amplifier
2nd IF
Amplifier/
Limiter
FM/FSK
Demodulator
DEM_VCC
RSSI_OUT
AMP_IN
AMP_CAP
AMP_OUT
S&H_CAP
DATA_OUT
DATA
CLOCK
STROBE
RSSI
Data
Slicer
TRF6900A
(TOP VIEW)
DEM_TANK
DEM_TANK
PLL_GND
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
13
14
15
16
17
18
19
20
21
22
23
24
48
47
45
44
43
42
41
40
39
38
37
46
Serial
Interface
RF Buffer
Amplifier
LO Buffer
Amplifier
Power
Amplifier
Data Switch
LPF Amplifier/
Post-Detection
Amplifier
LNA
Buffer
Amplifier
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AMP_CAP
31
I/O
Connection for LPF amplifier/post-detection amplifier capacitor/resistor used to reduce the internal
low-pass filter frequency and to adjust the post-detection gain.
AMP_IN
32
I
Analog post-detection amplifier input
AMP_OUT
30
O
Analog post-detection amplifier output
CLOCK
26
I
Serial interface clock signal
DATA
27
I
Serial interface data signal
DATA_OUT
28
O
Digital output of the data slicer, active high
DDS_GND
15
Direct digital synthesizer ground


Similar Part No. - TRF6900A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900APT TI-TRF6900APT Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900APTR TI-TRF6900APTR Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results

Similar Description - TRF6900A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com