Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92512DGQT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92512DGQT
Description  2.5A Buck LED Driver with Integrated Analog Current Adjust
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92512DGQT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92512DGQT Datasheet HTML 2Page - Texas Instruments TPS92512DGQT Datasheet HTML 3Page - Texas Instruments TPS92512DGQT Datasheet HTML 4Page - Texas Instruments TPS92512DGQT Datasheet HTML 5Page - Texas Instruments TPS92512DGQT Datasheet HTML 6Page - Texas Instruments TPS92512DGQT Datasheet HTML 7Page - Texas Instruments TPS92512DGQT Datasheet HTML 8Page - Texas Instruments TPS92512DGQT Datasheet HTML 9Page - Texas Instruments TPS92512DGQT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS92512, TPS92512HV
SLVSCT1B – FEBRUARY 2015 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, VVIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
TSD
Thermal shutdown
165
°C
Thermal shutdown hysteresis
20
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK)
VRT
RT/CLK regulated voltage
RRT = 200 kΩ
474
500
513
mV
fSW
Switching frequency
VVIN = 6 V, RRT = 200 kΩ
447
557
648
kHz
RT/CLK high threshold
VVIN = 6 V
1.49
1.81
V
RT/CLK low threshold
VVIN = 6 V
0.63
1.02
V
PWM DIMMING (PDIM)
IPDIM
PDIM source current
VPDIM = 0
1.04
µA
VIH
High-level input voltage
1.34
1.45
V
VIL
Low-level input voltage
0.79
0.88
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK)
RT/CLK falling edge to PH rising
Measured at 500 kHz with RT
92.1
ns
edge delay
resistor in series, VVIN = 6 V
Phase loop (PLL) lock-in time
fSW = 500 kHz
100
µs
PWM DIMMING (PDIM)
tRISE
Rising propagation delay
305
ns
tFALL
Falling propagation delay
535
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS92512 TPS92512HV


Similar Part No. - TPS92512DGQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92512DGQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92513 TI1-TPS92513 Datasheet
1Mb / 30P
[Old version datasheet]   1.5A Buck LED Driver with Integrated Analog Current Adjust
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Renesas Technology Corp
ISL78205 RENESAS-ISL78205 Datasheet
1Mb / 19P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Intersil Corporation
ISL78205 INTERSIL-ISL78205 Datasheet
707Kb / 16P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Taiwan Semiconductor Co...
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Intersil Corporation
ISL78206AVEZ INTERSIL-ISL78206AVEZ Datasheet
766Kb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
March 25, 2015
logo
Renesas Technology Corp
ISL78206 RENESAS-ISL78206 Datasheet
1Mb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com