Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92512 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92512
Description  2.5A Buck LED Driver with Integrated Analog Current Adjust
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92512 Datasheet(HTML) 4 Page - Texas Instruments

  TPS92512 Datasheet HTML 1Page - Texas Instruments TPS92512 Datasheet HTML 2Page - Texas Instruments TPS92512 Datasheet HTML 3Page - Texas Instruments TPS92512 Datasheet HTML 4Page - Texas Instruments TPS92512 Datasheet HTML 5Page - Texas Instruments TPS92512 Datasheet HTML 6Page - Texas Instruments TPS92512 Datasheet HTML 7Page - Texas Instruments TPS92512 Datasheet HTML 8Page - Texas Instruments TPS92512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS92512, TPS92512HV
SLVSCT1B – FEBRUARY 2015 – REVISED APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN (TPS92512HV)
–0.3
65
VIN (TPS92512)
–0.3
45
PDIM, UVLO
–0.3
5
Input voltage
V
BOOT
(PH + 8)
ISENSE, IADJ, COMP
–0.3
3
RT/CLK
–0.3
3.6
PH (TPS92512HV)
–0.6
65
Output voltage
PH (TPS92512)
–0.6
45
V
PH, 10-ns Transient
–2
Voltage Difference
PAD to GND
±200
mV
Source Current
PH
Current Limit
A
VIN
Current Limit
A
Sink current
BOOT
1
mA
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM),ESD stress voltage(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged-device model (CDM), ESD stress voltage(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2 kV may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage (TPS92512HV)
4.5
60
VIN
V
Input voltage (TPS92512)
4.5
42
Switching frequency range using RT mode
100
2000
fSW
kHz
Switching frequency range using CLK mode
300
2000
tMIN(RT
Minimum RT/CLK input pulse width for switching frequency synchronization
51
ns
/CLK)
TJ
Operating junction temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS92512 TPS92512HV


Similar Part No. - TPS92512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92513 TI1-TPS92513 Datasheet
1Mb / 30P
[Old version datasheet]   1.5A Buck LED Driver with Integrated Analog Current Adjust
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Renesas Technology Corp
ISL78205 RENESAS-ISL78205 Datasheet
1Mb / 19P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Intersil Corporation
ISL78205 INTERSIL-ISL78205 Datasheet
707Kb / 16P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Taiwan Semiconductor Co...
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Intersil Corporation
ISL78206AVEZ INTERSIL-ISL78206AVEZ Datasheet
766Kb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
March 25, 2015
logo
Renesas Technology Corp
ISL78206 RENESAS-ISL78206 Datasheet
1Mb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com