Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF6903PTRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF6903PTRG4
Description  SINGLE-CHIP MULTIBAND RF TRANSCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF6903PTRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF6903PTRG4 Datasheet HTML 2Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 3Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 4Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 5Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 6Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 7Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 8Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 9Page - Texas Instruments TRF6903PTRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TRF6903
SINGLECHIP MULTIBAND RF TRANSCEIVER
SWRS022D − MARCH 2004 − REVISED JUNE 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range
−0.6 to 4.5 Vdc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, logic signals
−0.6 to 4.5 Vdc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD protection, human body model (HBM)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog supply voltage
2.2
3.6
V
Digital supply voltage
2.2
3.6
V
Operating free-air temperature
−40
85
°C
dc electrical characteristics, VCC = 2.7 V, TA = 25°C
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standby current
STDBY low
0.6
4
µA
315-MHz band
12
15
RX current, receive chain inactive. Bit synchronizer and data clock
433-MHz band
11
14
mA
RX current, receive chain inactive. Bit synchronizer and data clock
inactive. PLL, VCO, dividers, and reference active
868-MHz band
10
12
mA
915-MHz band
10
12
315-MHz band
20
26
RX current, receive chain active. PLL, VCO, dividers, and reference
433-MHz band
19
25
mA
RX current, receive chain active. PLL, VCO, dividers, and reference
active. Bit synchronizer and data clock inactive
868-MHz band
18
23
mA
915-MHz band
18
23
315-MHz band
20
26
RX current, receive chain active. PLL, VCO, dividers, and reference
433-MHz band
19
25
mA
RX current, receive chain active. PLL, VCO, dividers, and reference
active. Bit synchronizer and data clock active
868-MHz band
18
23
mA
915-MHz band
18
23


Similar Part No. - TRF6903PTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903PTR TI-TRF6903PTR Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
More results

Similar Description - TRF6903PTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
Analog Devices
ADF4602 AD-ADF4602 Datasheet
725Kb / 36P
   Single-Chip, Multiband 3G Femtocell Transceiver
REV. 0
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com