Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92410D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92410D
Description  Switch-Controlled, Direct Drive, Linear Controller for Offline LED Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92410D Datasheet(HTML) 5 Page - Texas Instruments

  TPS92410D Datasheet HTML 1Page - Texas Instruments TPS92410D Datasheet HTML 2Page - Texas Instruments TPS92410D Datasheet HTML 3Page - Texas Instruments TPS92410D Datasheet HTML 4Page - Texas Instruments TPS92410D Datasheet HTML 5Page - Texas Instruments TPS92410D Datasheet HTML 6Page - Texas Instruments TPS92410D Datasheet HTML 7Page - Texas Instruments TPS92410D Datasheet HTML 8Page - Texas Instruments TPS92410D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS92410
www.ti.com
SLUSBW9 – MAY 2014
6.5 Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, VVIN = 100 V, VADIM = VMULT = 1 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN)
VCC
Pre-regulator output voltage
10.15
V
Rising threshold, VVIN = VVCC
8
8.3
VCCUVLO
Supply votlage undervoltage protection
Falling threshold, VVIN = VVCC
5
5.85
V
Hysteresis
2.15
IVIN
Input voltage bias current
VVCC = 12 V
2.5
50
μA
IVCC
Supply bias current
305
500
μA
Supply standby current
VVIN = 0 V, VVCC = 7 V (UVLO)
145
IVCCLIM
VCC supply current limit
VVCC = 7.5 V
8
25
mA
VVCC stepped from 6.075 V to 110% of
Tplh(UVLO)
VCC supply glitch filter rising
16.2
μs
VCCUVLO,rising
MULTIPLIER (MULT)
VMULT,LINEAR
Multiplier linear range
0
3.5
V
VCOMP,LINEAR
COMP pin linear range
1.5
3.25
V
RMULT
Input impedance
500
580
700
k
Ω
VMULT = 1.5 V, VCOMP = 2.25 V,
AMULT
Multiplier gain
0.95
1.43
1.85
1/V
k = VMULT_OUT/[(VCOMP–1.5 V) ×
VMULT]
VMULT,OFFSET
Multiplier output offset
VMULT = 0 V, VCOMP = 2.25 V
13.7
mV
VADIM = VTSNS = open; VCOMP = 4 V,
MULTOUT,mx
Multiplier Output Clamp Voltage
2.25
2.43
2.65
V
VMULT = 3.5 V
VOLTAGE REFERENCE (VREF)
VVREF
Reference voltage
IVREF = 100 μA
2.85
3
3.15
V
VREFLINE
Line regulation
8.5 V
≤ VVIN ≤ 100 V
1%
VREFLOAD
Load regulation
10
μA ≤ IREF ≤ 200 μA
1%
TRANSCONDUCTANCE AMPLIFIER (ADIM, COMP)
ADIMLIM
ADIM operating voltage limit
1.425
1.5
1.575
V
IADIM
Pull-up current
0.5
1
μA
ADIMSD
ADIM linear shutdown threshold
Falling
18
40
70
mV
ADIMSD,HYS
ADIM shutdown hysteresis
20
mV
gM
Transconductance
43.3
μS
VOFFSET
Input offset voltage
VADIM = 0.5 V
-20
20
mV
VCOMP = 2.25 V, VMULT = 0V,
IOUT,SOURCE
Output source current
65
VADIM = VTSNS = 2 V
μA
IOUT,SINK
Output sink current
VCOMP = 2.25 V, VTSNS = 0 V
75
ISTART
VCOMP = 0 V, VADIM = 0 V
485
DIMMER DETECT (MULT, CPS, CDD)
ICPS
Charge current for CPS pin
6.7
10
13.3
ICDD,c
Charge current for CDD pin
5.7
10
13.3
μA
ICDD,d
Discharge current for CDD pin
0.67
1
1.33
VMULT stepped from 0 V to 1 V,
Dv/Dt
Maximum detection threshold
1/100
V/
μs
minimum slew rate required
VOFFSET
Detector offset voltage
0.41
VTH,CDD
CDD threshold
1.5
V
VTH,CPS
CPS threshold
1.5
RCSP
Pull down RDS(on)
314
Ω
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS92410


Similar Part No. - TPS92410D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92411 TI1-TPS92411 Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DBVR TI1-TPS92411DBVR Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DBVT TI1-TPS92411DBVT Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DDA TI1-TPS92411DDA Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DDAR TI1-TPS92411DDAR Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
More results

Similar Description - TPS92410D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92411EVM-001 TI-TPS92411EVM-001 Datasheet
808Kb / 16P
[Old version datasheet]   Switch Controlled Direct Drive Switch for Offline LED Drivers
TPS92411 TI1-TPS92411 Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
   Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
SNC205S SONIX-SNC205S Datasheet
101Kb / 11P
   Direct Drive Speech Controller
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
   Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
logo
SONiX Technology Compan...
SNC202 SONIX-SNC202 Datasheet
329Kb / 11P
   Direct Drive Speech Controller
SNC20AS SONIX-SNC20AS Datasheet
100Kb / 11P
   Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com