Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF370317IRGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370317IRGET
Description  0.4-GHz TO 4-GHz QUADRATURE MODULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370317IRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF370317IRGET Datasheet HTML 3Page - Texas Instruments TRF370317IRGET Datasheet HTML 4Page - Texas Instruments TRF370317IRGET Datasheet HTML 5Page - Texas Instruments TRF370317IRGET Datasheet HTML 6Page - Texas Instruments TRF370317IRGET Datasheet HTML 7Page - Texas Instruments TRF370317IRGET Datasheet HTML 8Page - Texas Instruments TRF370317IRGET Datasheet HTML 9Page - Texas Instruments TRF370317IRGET Datasheet HTML 10Page - Texas Instruments TRF370317IRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TRF370317
www.ti.com
SLWS209B – MARCH 2008 – REVISED JANUARY 2010
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, power supply = 5 V, TA = 25°C, VCM = 1.7 V, fLO = 2500 MHz at 8 dBm, VinBB = 98
mVrms single-ended in quadrature, fBB = 50 kHz (unless otherwise noted)
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
–1.6
dB
P1dB
Output compression point
13
dBm
IP3
Output IP3
fBB = 4.5, 5.5 MHz
29
dBm
IP2
Output IP2
fBB = 4.5, 5.5 MHz
65
dBm
Carrier feedthrough
Unadjusted
–37
dBm
Sideband suppression
Unadjusted
–47
dBc
WiMAX 5-MHz carrier, Pout = –8 dBm, LO = 8 dBm
–47
dB
EVM
Error vector magnitude (rms)
WiMAX 5-MHz carrier, Pout = 0 dBm, LO = 8 dBm
–45
dB
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, power supply = 5 V, TA = 25°C, VCM = 1.7 V, fLO = 3500 MHz at 8 dBm, VinBB = 98
mVrms single-ended in quadrature, fBB = 50 kHz (unless otherwise noted)
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
0.6
dB
P1dB
Output compression point
13.5
dBm
IP3
Output IP3
fBB = 4.5, 5.5 MHz
25
dBm
IP2
Output IP2
fBB = 4.5, 5.5 MHz
65
dBm
Carrier feedthrough
Unadjusted
–35
dBm
Sideband suppression
Unadjusted
–36
dBc
WiMAX 5-MHz carrier, Pout = –8 dBm, LO = 6 dBm
–47
dB
EVM
Error vector magnitude (rms)
WiMAX 5-MHz carrier, Pout = 0 dBm, LO = 6 dBm
–43
dB
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, power supply = 5 V, TA = 25°C, VCM = 1.7 V, fLO = 4000 MHz at 8 dBm, VinBB = 98
mVrms single-ended in quadrature, fBB = 50 kHz (unless otherwise noted)
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
0.2
dB
P1dB
Output compression point
12
dBm
IP3
Output IP3
fBB = 4.5, 5.5 MHz
22.5
dBm
IP2
Output IP2
fBB = 4.5, 5.5 MHz
60
dBm
Carrier feedthrough
Unadjusted
–36
dBm
Sideband suppression
Unadjusted
–36
dBc
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TRF370317


Similar Part No. - TRF370317IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370317 TI1-TRF370317 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
More results

Similar Description - TRF370317IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com