Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPGP40ATGC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TRPGP40ATGC
Description  TRPGP40ATGC 12-mm Low-Frequency Glass-Encapsulated Transponder, CCT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRPGP40ATGC Datasheet(HTML) 3 Page - Texas Instruments

  TRPGP40ATGC Datasheet HTML 1Page - Texas Instruments TRPGP40ATGC Datasheet HTML 2Page - Texas Instruments TRPGP40ATGC Datasheet HTML 3Page - Texas Instruments TRPGP40ATGC Datasheet HTML 4Page - Texas Instruments TRPGP40ATGC Datasheet HTML 5Page - Texas Instruments TRPGP40ATGC Datasheet HTML 6Page - Texas Instruments TRPGP40ATGC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TRPGP40ATGC
www.ti.com
SCBS903 – AUGUST 2014
3
Specifications
3.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA
Operating temperature range
-25
70
°C
3.2
Handling Ratings
MIN
MAX
UNIT
TSTG
Storage temperature range
-40
85
°C
3.3
Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TRPGP40ATGC
Functionality
Not programmed
Memory (bits)
80
Memory (pages)
1
Resonance frequency
134.6 kHz
Modulation
FSK (frequency shift keying) 134.2 kHz and 124.2 kHz
Transmission principle
HDX (half duplex)
Power source
Powered from the reader signal (battery-less)
Typical reading range
≤60 cm(1)
Typical reading time
70 ms
Case material
Glass
Protection glass
Hermetically sealed
EMC
Programmed code is not affected by natural electromagnetic interference or x-rays
Signal penetration
Transponder can be read through almost all nonmetallic material
Mechanical shock
IEC 60068-2-32 free-fall drop test, 20 times from 1.5-m height
Dimensions
Ø 2.12 ± 0.05 mm x 12.0 ± 0.5 mm
Weight
0.10 g
(1)
Depends on RF regulation in country of use, the reader antenna configuration used, and the environmental conditions.
Copyright © 2014, Texas Instruments Incorporated
Specifications
3
Submit Documentation Feedback
Product Folder Links: TRPGP40ATGC


Similar Part No. - TRPGP40ATGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRPGP40TGC TI-TRPGP40TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, CCT
TRPGP40TGC TI1-TRPGP40TGC Datasheet
267Kb / 7P
[Old version datasheet]   SERIES 2000 ANTENNAS
TRPGP40TGC TI1-TRPGP40TGC Datasheet
423Kb / 5P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
More results

Similar Description - TRPGP40ATGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRPGP40TGC TI-TRPGP40TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, CCT
TRPGR30ATGC TI1-TRPGR30ATGC Datasheet
161Kb / 8P
[Old version datasheet]   12-mm Low-Frequency Glass-Encapsulated Transponder, Read Only
TRPGR30TGC TI1-TRPGR30TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, READ ONLY
TRPGR30TGC TI-TRPGR30TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, READ ONLY
ECO-LINE TI-ECO-LINE Datasheet
146Kb / 1P
[Old version datasheet]   Low Frequency 32mm Glass Transponder
RI-TRP-REHP TI-RI-TRP-REHP Datasheet
40Kb / 3P
[Old version datasheet]   LOW FREQUENCY 23mm GLASS TRANSPONDER
RI-TRP-REHP-30 TI1-RI-TRP-REHP-30 Datasheet
66Kb / 4P
[Old version datasheet]   LOW FREQUENCY 23mm GLASS TRANSPONDER
RI-TRP-RE2B TI-RI-TRP-RE2B_09 Datasheet
78Kb / 4P
[Old version datasheet]   ECO-LINE LOW-FREQUENCY 32mm GLASS TRANSPONDER
RI-TRP-RR2B TI-RI-TRP-RR2B_08 Datasheet
100Kb / 4P
[Old version datasheet]   32 mm Glass Transponder
RI-TRP-RR2B TI-RI-TRP-RR2B_12 Datasheet
104Kb / 4P
[Old version datasheet]   32 mm Glass Transponder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com