Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30100CL Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # MBR30100CL
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBR30100CL Datasheet(HTML) 2 Page - Mospec Semiconductor

  MBR30100CL Datasheet HTML 1Page - Mospec Semiconductor MBR30100CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR30100CL
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
TJ=25℃
TJ=75℃
TJ=125℃
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts)
REVERSE VOLTAGE (Volts)
TJ=25℃
TJ=100℃
TJ=75℃
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
NJ-A


Similar Part No. - MBR30100CL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR30100CL-T3P-T UTC-MBR30100CL-T3P-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR30100CL-T47-T UTC-MBR30100CL-T47-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR30100CL-TA3-T UTC-MBR30100CL-TA3-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR30100CL-TF1-T UTC-MBR30100CL-TF1-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR30100CL-TF3-T UTC-MBR30100CL-TF3-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR30100CL

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com