Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT2G-2M-Z Datasheet(PDF) 2 Page - Copal Electronics

Part # FT2G-2M-Z
Description  Ultra-Miniature Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT2G-2M-Z Datasheet(HTML) 2 Page - Copal Electronics

  FT2G-2M-Z Datasheet HTML 1Page - Copal Electronics FT2G-2M-Z Datasheet HTML 2Page - Copal Electronics FT2G-2M-Z Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FT
Switching
function
Part No.
 FT1D-2M-Z
ON
ON
☆FT1E-2M-Z
ON
OFF
ON
☆FT1F-2M-Z
ON
−(ON)
★FT1G-2M-Z
(ON)
OFF
(ON)
FT1H-2M-Z
ON
OFF
(ON)
Connecting terminals
2
−3
2
−1
Switching
function
Part No.
 FT1D-5M-Z
ON
ON
 FT1E-5M-Z
ON
OFF
ON
☆FT1F-5M-Z
(ON)−
ON
★FT1FA-5M-Z
ON
−(ON)
☆FT1G-5M-Z
(ON)
OFF
(ON)
★FT1H-5M-Z
(ON)
OFF
ON
FT1HA-5M-Z
ON
OFF
(ON)
Connecting terminals
2
−1
2
−3
Switching
function
Part No.
☆FT2D-5M-Z
ON
ON
★FT2E-5M-Z
ON
OFF
ON
★FT2F-5M-Z
(ON)−
ON
FT2FA-5M-Z
ON
−(ON)
FT2G-5M-Z
(ON)
OFF
(ON)
FT2H-5M-Z
(ON)
OFF
ON
FT2HA-5M-Z
ON
OFF
(ON)
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching
function
Part No.
 FT2D-2M-Z
ON
ON
☆FT2E-2M-Z
ON
OFF
ON
★FT2F-2M-Z
ON
−(ON)
★FT2G-2M-Z
(ON)
OFF
(ON)
★FT2H-2M-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
SPDT
SPDT
DPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
PC hole Layouts
(Topview)
PC hole Layouts
(Topview)
PC hole Layouts
(Topview)
PC hole Layouts
(Topview)
(ON)
:Momentary.
★:Made to order products.
☆:Semi-standard products.
PC Straight
PC Straight
Right Angle Terminal
Right Angle Terminal


Similar Part No. - FT2G-2M-Z

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
DATEL, Inc.
FT20-100 DATEL-FT20-100 Datasheet
470Kb / 4P
   Filter Modules 100 Vdc, 10 and 20 Amps Differential/Common-Mode Filters
FT20-100 DATEL-FT20-100 Datasheet
97Kb / 1P
   FT series, 20 A Output Current, Filter Module
FT20-100 DATEL-FT20-100_19 Datasheet
97Kb / 1P
   FT series, 20 A Output Current, Filter Module
logo
List of Unclassifed Man...
FT200 ETC-FT200 Datasheet
681Kb / 1P
   NA Step-Index MM Fibers, TECS™ Clad
More results

Similar Description - FT2G-2M-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-SERIES COPAL-CFT2-SERIES Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
   Miniature Toggle Switch
CF-TB COPAL-CF-TB Datasheet
233Kb / 2P
   Miniature Power Toggle Switch
logo
GREATECS
G3T GREATECS-G3T Datasheet
759Kb / 1P
   Ultra-Miniature SMT Toggle Switches
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
GREATECS
G12JPC GREATECS-G12JPC Datasheet
2Mb / 6P
   Ultra-Miniature Fully Illuminated Toggle Switches
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com