Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRR8016C Datasheet(PDF) 3 Page - Copal Electronics

Part # DRR8016C
Description  Hyper-Miniature Dip Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DRR8016C Datasheet(HTML) 3 Page - Copal Electronics

  DRR8016C Datasheet HTML 1Page - Copal Electronics DRR8016C Datasheet HTML 2Page - Copal Electronics DRR8016C Datasheet HTML 3Page - Copal Electronics DRR8016C Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Production dat
Washable
DRS
・DRR8000C
Part No.
Position
Terminal #
124
8
DRS8010C
DRR8010C
0
1
2
3
●●
4
5
●●
6
●●
7
●●●
8
9
●●
Part No.
Position
Terminal #
124
8
DRS8016C
DRR8016C
0
1
2
3
●●
4
5
●●
6
●●
7
●●●
8
9
●●
A
●●
B
●●
C
●●
D
●●
E
●●
F
●●●
Part No.
Position
Terminal #
124
8
DRS8116C
DRR8116C
0
●●●
1
●●
2
●●
3
●●
4
●●
5
●●
6
●●
7
8
●●●
9
●●
A
●●
B
C
●●
D
E
F
Part No.
Position
Terminal #
124
8
DRS8110C
DRR8110C
0
●●●
1
●●
2
●●
3
●●
4
●●
5
●●
6
●●
7
8
●●●
9
●●
● Real code
Actuator color
:Yellow
● Real code
Actuator color
:Yellow
● Complementary code
Actuator color
:Red
● Complementary code
Actuator color
:Red
DRS8010C
DRS8110C
DRS8016C
DRS8116C
DRR8010C
DRR8110C
DRR8016C
DRR8116C
●…Contact closed
:Terminal E is ground terminal
Production dat
Production dat
Production dat
Straight
Straight
Right Angle
Right Angle
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.


Similar Part No. - DRR8016C

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
DRR-129 HAMLIN-DRR-129 Datasheet
65Kb / 1P
   Normally open switch size with 50.80mm x 5.25mm
logo
Littelfuse
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
   DRR-129 50.8mm Close-Differential Reed Switch
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
   The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
DRR-20X DELTA-DRR-20X Datasheet
809Kb / 8P
   CliQ II Redundancy Module
logo
Littelfuse
DRR-DTH LITTELFUSE-DRR-DTH Datasheet
302Kb / 2P
   Axial Lead Reed Switches
More results

Similar Description - DRR8016C

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SMR COPAL-SMR Datasheet
1Mb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
CF-LD-SERIES COPAL-CF-LD-SERIES Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD COPAL-CF-LD Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
   Miniature Rotary Switches
SRF COPAL-SRF Datasheet
488Kb / 2P
   Miniature Rotary Switches
MRE COPAL-MRE Datasheet
766Kb / 2P
   Miniature Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com