Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5A3240YBC-T855 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K5A3240YBC-T855
Description  Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K5A3240YBC-T855 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K5A3240YBC-T855 Datasheet HTML 7Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 8Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 9Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 10Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 11Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 12Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 13Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 14Page - Samsung semiconductor K5A3240YBC-T855 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
MCP MEMORY
K5A3x40YT(B)C
Revision 0.0
November 2002
- 11 -
Preliminary
Flash DEVICE OPERATION
Byte/Word Mode
If the BYTEF ball is set at logical "1" , the device is in word mode, DQ0-DQ15 are active. Otherwise the BYTEF ball is set at logical "0"
, the device is in byte mode, DQ0-DQ7 are active. DQ8-DQ14 are in the High-Z state and DQ15 ball is used as an input for the LSB
(A-1) address ball.
Read Mode
Flash memory is controlled by Chip Enable (CEF), Output Enable (OE) and Write Enable (WE). When CEF and OE are low and WE
is high, the data stored at the specified address location,will be the output of the device. The outputs are in high impedance state
whenever CEF or OE is high.
Standby Mode
Flash memory features Stand-by Mode to reduce power consumption. This mode puts the device on hold when the device is dese-
lected by making CEF high (CEF = VIH). Refer to the DC characteristics for more details on stand-by modes.
Output Disable
The device outputs are disabled when OE is High (OE = VIH). The output balls are in high impedance state.
Automatic Sleep Mode
Flash memory features Automatic Sleep Mode to minimize the device power consumption. Since the device typically draws 5
µA of
current in Automatic Sleep Mode, this feature plays an extremely important role in battery-powered applications. When addresses
remain steady for tAA+50ns, the device automatically activates the Automatic Sleep Mode. In the sleep mode, output data is latched
and always available to the system. When addresses are changed, the device provides new data without wait time.
Data
Outputs
tAA + 50ns
Data
Auto Sleep Mode
Address
Data
Data
Data
Data
Autoselect Mode
Flash memory offers the Autoselect Mode to identify manufacturer and device type by reading a binary code. The Autoselect Mode
allows programming equipment to automatically match the device to be programmed with its corresponding programming algorithm.
In addition, this mode allows the verification of the status of write protected blocks. The manufacturer and device code can be read
via the command register. The Command Sequence is shown in Table 5 and Figure 3. The autoselect operation of block protect ver-
ification is initiated by first writing two unlock cycle. The third cycle must contain the bank address and autoselect command (90H). If
Block address while (A6, A1, A0) = (0,1,0) is finally asserted on the address ball, it will produce a logical "1" at the device output DQ0
to indicate a write protected block or a logical "0" at the device output DQ0 to indicate a write unprotected block. To terminate the
autoselect operation, write Reset command (F0H) into the command register.
Figure 2. Auto Sleep Mode Operation


Similar Part No. - K5A3240YBC-T855

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K5A3280YBC-T755 SAMSUNG-K5A3280YBC-T755 Datasheet
625Kb / 45P
   MCP MEMORY
K5A3280YBC-T855 SAMSUNG-K5A3280YBC-T855 Datasheet
625Kb / 45P
   MCP MEMORY
K5A3280YTC-T755 SAMSUNG-K5A3280YTC-T755 Datasheet
625Kb / 45P
   MCP MEMORY
K5A3280YTC-T855 SAMSUNG-K5A3280YTC-T855 Datasheet
625Kb / 45P
   MCP MEMORY
More results

Similar Description - K5A3240YBC-T855

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
logo
Samsung semiconductor
K5T6432YT SAMSUNG-K5T6432YT Datasheet
606Kb / 40P
   Multi-Chip Package MEMORY 64M Bit 4Mx16 Four Bank NOR Flash Memory / 32M Bit 2Mx16 UtRAM
logo
Macronix International
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Samsung semiconductor
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
Sharp Corporation
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
   Stacked Chip 32M Flash Memory and 4M SRAM
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com