Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A401800B-QC Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K7A401800B-QC
Description  128Kx36/x32 & 256Kx18 Synchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A401800B-QC Datasheet(HTML) 1 Page - Samsung semiconductor

  K7A401800B-QC Datasheet HTML 1Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 2Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 3Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 4Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 5Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 6Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 7Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 8Page - Samsung semiconductor K7A401800B-QC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
K7A401800B
128Kx36/x32 & 256Kx18 Synchronous SRAM
- 1 -
Rev 1.0
Nov 2001
K7A403200B
K7A403600B
Document Title
128Kx36 & 128Kx32 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
Revision History
Remark
Preliminary
Preliminary
Preliminary
Preliminary
Final
History
1. Initial draft
1. Changed DC parameters
Icc ; from 350mA to 290mA at -16,
from 330mA to 270mA at -15,
from 300mA to 250mA at -14,
ISB1 ; from 100mA to 80mA
1. Delete Pass-Through
1. Add x32 org. and industrial temperature
1. Final spec release
2. Changed Pin Capacitance
- Cin ; from 5pF to 4pF
- Cout ; from 7pF to 6pF
Draft Date
May. 15. 2001
June. 12. 2001
June.25. 2001
Aug. 11. 2001
Nov. 15. 2001
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev. No
0.0
0.1
0.2
0.3
1.0


Similar Part No. - K7A401800B-QC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A401800B SAMSUNG-K7A401800B Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
More results

Similar Description - K7A401800B-QC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
KM736FV4021 SAMSUNG-KM736FV4021 Datasheet
350Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403623B SAMSUNG-K7P403623B Datasheet
315Kb / 13P
   128Kx36 & 256Kx18 SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com