Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-0261-AAA-CD-AE Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAF-0261-AAA-CD-AE
Description  CCD Image Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-0261-AAA-CD-AE Datasheet(HTML) 1 Page - ON Semiconductor

  KAF-0261-AAA-CD-AE Datasheet HTML 1Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 2Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 3Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 4Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 5Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 6Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 7Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 8Page - ON Semiconductor KAF-0261-AAA-CD-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2016
March, 2016 − Rev. 3
1
Publication Order Number:
KAF−0261/D
KAF-0261
512 (H) x 512 (V) Full Frame
CCD Image Sensor
Description
The KAF−0261 Image Sensor is a high performance, charge
coupled device (CCD) designed for a wide range of image sensing
applications.
The sensor incorporates true two−phase CCD technology,
simplifying the support circuits required to drive the sensor as well as
reducing dark current without compromising charge capacity. The
sensor also utilizes a transparent gate electrode to improve sensitivity
compared to the use of a standard front side illuminated polysilicon
electrode.
Selectable on−chip output amplifiers allow operation to be
optimized for different imaging needs: Low Noise (when using the
high−sensitivity output) or Maximum Dynamic Range (when using
the low−sensitivity output).
The low dark current of the KAF−0261 makes this device suitable
for low light imaging applications without sacrificing charge capacity.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Full Frame CCD
Number of Active Pixels
512 (H) x 512 (V)
Pixel Size
20 mm (H) x 20 mm (V)
Active Image Size
10.2 mm (H) x 10.2 mm (V)
Chip Size
11.3 mm (H) x 11.6 mm (V)
Optical Fill Factor
100%
Output Sensitivity
High Sensitivity Output
High Dynamic Range Output
10 mV/electron
2.0 mV/electron
Saturation Signal
High Sensitivity Output
High Dynamic Range
200,000 electrons
500,000 electrons
Readout Noise (1 MHz)
22 electrons rms
Dark Current
(25°C, Accumulation Mode)
< 30 pA/cm3
Dark Current Doubling Rate
6°C
Dynamic Range (Sat Sig/Dark Noise)
High Sensitivity Output
83 dB
High Dynamic Range Output Range
87 dB
Quantum Efficiency (450, 550, 650 nm)
35%, 55%, 58%
Maximum Data Rate
High Sensitivity Output
High Dynamic Range Output
5 MHz
2 MHz
Transfer Efficiency
> 0.99997
Package
CERDIP Package
Cover Glass
Clear or AR coated, 2 sides
www.onsemi.com
Figure 1. KAF−0261 CCD Image Sensor
Features
True Two Phase Full Frame Architecture
Transparent Gate Electrode for High
Sensitivity
100% Fill Factor
Low Dark Current
User−selectable Outputs Allow either Low
Noise or High Dynamic Range Operation
Single Readout Register
These Devices are Pb−Free and are RoHS
Compliant
Applications
Scientific Imaging


Similar Part No. - KAF-0261-AAA-CD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261 Datasheet
219Kb / 15P
   Full Frame CCD Image Sensor
August, 2014 ??Rev. 2
More results

Similar Description - KAF-0261-AAA-CD-AE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
TCD2555D TOSHIBA-TCD2555D Datasheet
510Kb / 14P
   CCD IMAGE SENSOR
TCD2711DG TOSHIBA-TCD2711DG Datasheet
574Kb / 14P
   TOSHIBA CCD Linear Image Sensor CCD
Rev.1.3 2019-01-15
TCD2717BFG TOSHIBA-TCD2717BFG Datasheet
690Kb / 21P
   TOSHIBA CCD Linear Image Sensor CCD
Rev.3.0 2019-01-15
TCD2723BFG TOSHIBA-TCD2723BFG Datasheet
709Kb / 21P
   TOSHIBA CCD Linear Image Sensor CCD
Rev.1.4 2019-01-08
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com