Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAC-12040-CBA-JD-AE Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAC-12040-CBA-JD-AE
Description  CMOS Image Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAC-12040-CBA-JD-AE Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAC-12040-CBA-JD-AE Datasheet HTML 4Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 5Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 6Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 7Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 8Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 9Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 10Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 11Page - ON Semiconductor KAC-12040-CBA-JD-AE Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
KAC−12040
www.onsemi.com
8
Table 10. PERFORMANCE SPECIFICATIONS ALL CONFIGURATIONS
Description
Symbol
Min.
Nom.
Max.
Unit
Sampling
Plan
Temperature
Tested at
(
5C)
Test
Notes
Photodiode Charge
Capacity
PNe
16
ke
Die
27, 40
16
Read Noise
neT
3.7 RS
25.5 GS
erms
Die
27
8
1
Total Pixelized Noise
4.5 RS
28.3 GS
erms
Die
27
19
1
Dynamic Range
DR
73 RS
56 GS
dB
Die
27
1, 4
Column Noise
CN
0.6 RS
3.0 GS
erms
Die
27
9
1, 6
Row Noise
RN
1.0 RS
5.0 GS
erms
Die
27
10
1, 7
Dark Field Local
Non-Uniformity Floor
DSNU_flr
3.0 RS
21 GS
erms
Die
27, 40
1
1, 5
Bright Field Global
Photoresponse
Non-Uniformity
PRNU_1
1.5
% rms
Die
27, 40
2
2
Bright Field Global Peak to
Peak Photoresponse
Non-Uniformity
PRNU_2
6.5
% pp
Die
27, 40
3
2
Maximum Photoresponse
Non-Linearity
NL
6.3
%
Die
27, 40
11
3
Maximum Gain Difference
between Outputs
DG
0.3
%
Die
27, 40
12
8
Photodiode Dark Current
IPD
4.6
70
e/p/s
Die
40
13
9
Storage Node Dark Current
IVD
1,200
5,000
e/p/s
Die
40
14
5
Image Lag
Lag
1.3
10
Design
27, 40
15
Black-Sun Anti-Blooming
XAB
12
> 10,000
W/cm2
xllumSat
Design
27
7
14
Parasitic Light Sensitivity
PLS
730
Design
27
6
10
Dual-Video WDR
140 RS
120 GS
dB
Design
27
1, 11,
12
Pulsed Pixel WDR
(GS Only)
100
dB
Design
27
12, 13
1. RS = Rolling Shutter Operation Mode, GS = Global Shutter Operation Mode.
2. Measured per color, worst of all colors reported.
3. Value is over the range of 10% to 90% of photodiode saturation, Green response used.
4. Uses 20LOG (PNe / neT).
5. Photodiode dark current made negligible.
6. Column Noise Correction active.
7. Row Noise Correction active.
8. Measured at ~70% illumination.
9. Storage node dark current made negligible.
10. GSE (Global Shutter Efficiency) = 1 − 1 / PLS.
11. Min vs Max integration time at 30 fps.
12. WDR measures expanded exposure latitude from linear mode DR.
13. Min/Max responsivity in a 30 fps image.
14. Saturation Illumination referenced to a 3 line time integration.


Similar Part No. - KAC-12040-CBA-JD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAC-12040-CBA-JD-AE ONSEMI-KAC-12040-CBA-JD-AE Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
More results

Similar Description - KAC-12040-CBA-JD-AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com