Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAC-12040-ABA-JD-BA Datasheet(PDF) 3 Page - ON Semiconductor

Part # KAC-12040-ABA-JD-BA
Description  CMOS Image Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAC-12040-ABA-JD-BA Datasheet(HTML) 3 Page - ON Semiconductor

  KAC-12040-ABA-JD-BA Datasheet HTML 1Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 2Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 3Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 4Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 5Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 6Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 7Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 8Page - ON Semiconductor KAC-12040-ABA-JD-BA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
KAC−12040
www.onsemi.com
3
DEVICE DESCRIPTION
Architecture
Figure 2. Block Diagram
G
B
G R
4000 (H)
y 3000 (V)
4.7
mm Pixel
G
B
G R
G
B
G R
G
B
G R
LVDS Bank 2
LVDS Bank 4
LVDS Bank 6
Even Row ADC, Analog Gain, Black-Sun Correction
8
88
8
88
Odd Row ADC, Analog Gain, Black-Sun Correction
LVDS Bank 3
LVDS Bank 5
LVDS Bank 7
(0, 0)
Clk1
1D0 − 1D6
Clk0
0D0 − 0D6
3.5 VA
3.3 VD
2.8 VA
2.0 VD
1.8 VA
Chip Clock (2 Pins)
TRIGGER
RESETN
CSN
SCLK
MOSI
MISO
Serial
Peripheral
Interface
(SPI)
ADC_Ref1
ADC_Ref2
VSS 0 V
4.02 k
W ±1%


Similar Part No. - KAC-12040-ABA-JD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAC-12040-ABA-JD-BA ONSEMI-KAC-12040-ABA-JD-BA Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
More results

Similar Description - KAC-12040-ABA-JD-BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com