Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW3620-00 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # IW3620-00
Description  Digital PWM Current-Mode Controller for AC/DC LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3620-00 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button IW3620-00 Datasheet HTML 2Page - Dialog Semiconductor IW3620-00 Datasheet HTML 3Page - Dialog Semiconductor IW3620-00 Datasheet HTML 4Page - Dialog Semiconductor IW3620-00 Datasheet HTML 5Page - Dialog Semiconductor IW3620-00 Datasheet HTML 6Page - Dialog Semiconductor IW3620-00 Datasheet HTML 7Page - Dialog Semiconductor IW3620-00 Datasheet HTML 8Page - Dialog Semiconductor IW3620-00 Datasheet HTML 9Page - Dialog Semiconductor IW3620-00 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
iW3620
Digital PWM Current-Mode Controller for AC/DC LED Driver
Rev. 1.8
iW3620
Page 6
FebRuaRy 1, 2012
7.0 Typical Performance Characteristics
0.0
0.0
6.0
3.0
9.0
2.0
6.0
10.0
14.0
VCC (V)
4.0
8.0
12.0
Figure 7.1 : V
CC Supply Current vs. VCC
-50
12.0
-25
25
75
125
Ambient Temperature (°C)
0
50
100
12.2
11.8
11.6
Figure 7.2 : Start-Up Threshold vs. Temperature
-50
-25
25
75
125
Ambient Temperature (°C)
0
50
100
0.3 %
-0.3 %
-0.9 %
-1.5 %
Figure 7.3 : Switching Frequency % Change vs.
Temperature
1.518
-50
1.538
1.528
1.548
-25
25
75
125
Ambient Temperature (°C)
0
50
100
Figure 7.4 : Internal Reference vs. Temperature


Similar Part No. - IW3620-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW3620-00 RENESAS-IW3620-00 Datasheet
1Mb / 21P
   Digital PWM Current-Mode Controller for AC/DC LED Driver
February 4, 2022
More results

Similar Description - IW3620-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW3620 RENESAS-IW3620 Datasheet
1Mb / 21P
   Digital PWM Current-Mode Controller for AC/DC LED Driver
February 4, 2022
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
   AC-DC Current Mode PWM Controller
logo
Texas Instruments
LM5021MM-1 TI-LM5021MM-1 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021 TI1-LM5021_14 Datasheet
1Mb / 24P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MMX-2 TI1-LM5021MMX-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI1-LM5021MM-1 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5023 TI-LM5023 Datasheet
2Mb / 30P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
   AC/DC Current Mode PWM power management controller
logo
Texas Instruments
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com