Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW3612-00 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # IW3612-00
Description  AC/DC Digital Power Controller for Dimmable LED Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3612-00 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button IW3612-00 Datasheet HTML 4Page - Dialog Semiconductor IW3612-00 Datasheet HTML 5Page - Dialog Semiconductor IW3612-00 Datasheet HTML 6Page - Dialog Semiconductor IW3612-00 Datasheet HTML 7Page - Dialog Semiconductor IW3612-00 Datasheet HTML 8Page - Dialog Semiconductor IW3612-00 Datasheet HTML 9Page - Dialog Semiconductor IW3612-00 Datasheet HTML 10Page - Dialog Semiconductor IW3612-00 Datasheet HTML 11Page - Dialog Semiconductor IW3612-00 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
iW3612
AC/DC Digital Power Controller for
Dimmable LED Drivers
Rev. 1.6
iW3612
Page 8
The iW3612 is a high performance AC/DC off-line power
supply controller for dimmable LED luminaires, which uses
advanced digital control technology to detect the dimmer
type and dimmer phase to control the LED brightness. A
PWM-dimming scheme is used to modulate the LED current
with a dimming frequency of 900Hz at low dimming levels.
iW3612 can work with all types of wall dimmers including
leading-edge dimmer, trailing-edge dimmer, as well as
dimmer configurations such as R-type, R-C type or R-L type
without visible flicker. The controller can also work when no
dimmer is connected.
iW3612 operates in quasi-resonant mode to provide high
efficiency and simplify EMI design. In addition, the iW3612
includes a number of key built-in protection features. Using
iWatt’s state-of-the-art primary-feedback technology, the
iW3612 removes the need for secondary feedback circuitry
while achieving excellent line and load regulation. iW3612
also eliminates the need for loop compensation components
while maintaining stability over all operating conditions.
Pulse-by-pulse waveform analysis allows for accurate
LED current regulation. Hence, the iW3612 can provide
high performance dimming solutions, with minimal external
component count and low bill of materials cost.
9.1 Pin Detail
Pin 1 – OUTPUT(TR)
Gate drive for the chopping circuit MOSFET switch.
Pin 2 – V
SENSE
Sense signal input from auxiliary winding. This provides the
secondary voltage feedback used for output regulation.
Pin 3 – V
IN
Sense signal input from the rectified line voltage. V
IN is
used for dimmer phase detection. The input line voltage is
scaled down using a resistor network. It is used for input
under-voltage and over-voltage protection. This pin also
provides the supply current to the IC during start-up.
Pin 4 – V
T
External power limit and shutdown control. If the shutdown
control is not used, this pin should be connected to GND via
a resistor.
Pin 5 – GND
Ground.
Pin 6 – I
SENSE
Primary current sense. Used for cycle by cycle peak current
control.
Pin 7 – OUTPUT
Gate drive for the external MOSFET switch.
Pin 8 – V
CC
Power supply for the controller during normal operation. The
controller will start-up when V
CC reaches 12V (typical) and
will shut down when the V
CC voltage is below 7.5V (typical).
High-frequencytransientsandripplescanbeeasilygenerated
on the V
CC pin due to
power supply switching transitions,
and line and load disturbances. Excess ripples and noises
on V
CC may cause the iW3612 to function undesirably, hence
a decoupling capacitor should be connected between the
V
CC pin and GND. A ceramic capacitor of minimum 0.1uF
connected as close as possible to the V
CC pin is suggested.
9.2 Wall Dimmer Detections
There are two types of wall dimmers: leading-edge dimmer
and trailing-edge dimmer.
AC line before Wall-
dimmer
AC line after
Wall-dimmer
Figure 9.1 : Leading-Edge Wall Dimmer Waveforms
9.0 Theory of Operation


Similar Part No. - IW3612-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW3612-00 RENESAS-IW3612-00 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers Rev.
Mar 2020
More results

Similar Description - IW3612-00

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3612 RENESAS-IW3612 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers Rev.
Mar 2020
logo
Dialog Semiconductor
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
logo
Dialog Semiconductor
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
logo
Dialog Semiconductor
IW3688 DIALOG-IW3688 Datasheet
384Kb / 6P
   AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com