Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1707-01 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW1707-01
Description  Low-Power Off-Line Digital Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1707-01 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW1707-01 Datasheet HTML 1Page - Dialog Semiconductor IW1707-01 Datasheet HTML 2Page - Dialog Semiconductor IW1707-01 Datasheet HTML 3Page - Dialog Semiconductor IW1707-01 Datasheet HTML 4Page - Dialog Semiconductor IW1707-01 Datasheet HTML 5Page - Dialog Semiconductor IW1707-01 Datasheet HTML 6Page - Dialog Semiconductor IW1707-01 Datasheet HTML 7Page - Dialog Semiconductor IW1707-01 Datasheet HTML 8Page - Dialog Semiconductor IW1707-01 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
iW1707
Low-Power Off-Line Digital Green-Mode PWM Controller
Rev. 0.2
iW1707
Page 3
MaRch 8, 2012
4.0 Pinout Description
Pin #
Name
Type
Pin Description
1
V
CC
Power Input Power supply for control logic.
2
V
SENSE
Analog Input Auxiliary voltage sense (used for primary regulation).
3
ASU
Output
Control signal for active start-up device (BJT or depletion NFET).
4
I
SENSE
Analog Input Primary current sense. Used for cycle-by-cycle peak current control and limit.
5
GND
Ground
Ground.
6
OUTPUT
Output
Base drive for BJT.
iW1707
VCC
VSENSE
ASU
OUTPUT
GND
ISENSE
1
2
3
6
4
5
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to Electrical Characteristics in Section 6.0.
Parameter
Symbol
Value
Units
DC supply voltage range (pin 1, I
CC = 20mA max)
V
CC
-0.3 to 18
V
Continuous DC supply current at V
CC pin (VCC = 15 V)
I
CC
20
mA
ASU output (pin 3)
-0.3 to 18
V
Output (pin 6)
-0.3 to 4.0
V
V
SENSE input (pin 2, IVsense ≤ 10 mA)
-0.7 to 4.0
V
I
SENSE input (pin 4)
-0.3 to 4.0
V
Maximum junction temperature
T
J MAX
150
°C
Storage temperature
T
STG
–65 to 150
°C
Lead temperature during IR reflow for ≤ 15 seconds
T
LEAD
260
°C
Thermal Resistance Junction-to-Ambient
θ
JA
190
°C/W
ESD rating per JEDEC JESD22-A114
2,000
V
Latch-Up test per JEDEC 78
±100
mA
Figure 4.1: 6 Lead SOT-23 Package
5.0 Absolute Maximum Ratings


Similar Part No. - IW1707-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1707-01 RENESAS-IW1707-01 Datasheet
1Mb / 18P
   Low-Power Off-Line Digital Green-Mode PWM Controller
24-Jan-2022
More results

Similar Description - IW1707-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
logo
Dialog Semiconductor
IW1677 DIALOG-IW1677 Datasheet
763Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1677 RENESAS-IW1677 Datasheet
1,016Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1678 DIALOG-IW1678 Datasheet
951Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com