Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0134CSSM00SUEA0-TPBR Datasheet(PDF) 5 Page - ON Semiconductor

Part # AR0134CSSM00SUEA0-TPBR
Description  1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEA0-TPBR Datasheet(HTML) 5 Page - ON Semiconductor

  AR0134CSSM00SUEA0-TPBR Datasheet HTML 1Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 2Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 3Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 4Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 5Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 6Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 7Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 8Page - ON Semiconductor AR0134CSSM00SUEA0-TPBR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AR0134CS/D Rev. 8, Pub. 1/16 EN
5
©Semiconductor Components Industries, LLC,2016.
AR0134CS: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Features Overview
processing signal chain (which provides further data path corrections and applies digital
gain). The pixel data are output at a rate of up to 74.25 Mp/s, in parallel to frame and line
synchronization signals.
Features Overview
The AR0134 Global Sensor shutter has a wide array of features to enhance functionality
and to increase versatility. A summary of features follows. Please refer to the AR0134
Developer Guide for detailed feature descriptions, register settings, and tuning guide-
lines and recommendations.
•Operating Modes
The AR0134 works in master (video), trigger (single frame), or Auto Trigger modes. In
master mode, the sensor generates the integration and readout timing. In trigger
mode, it accepts an external trigger to start exposure, then generates the exposure and
readout timing. The exposure time is programmed through the two-wire serial inter-
face for both modes. Trigger mode is not compatible with the HiSPi interface.
•Window Control
Configurable window size and blanking times allow a wide range of resolutions and
frame rates. Digital binning and skipping modes are supported, as are vertical and
horizontal mirror operations.
•Context Switching
Context switching may be used to rapidly switch between two sets of register values.
Refer to the AR0134 Developer Guide for a complete set of context switchable regis-
ters.
•Gain
The AR0134 Global Shutter sensor can be configured for analog gain of up to 8x, and
digital gain of up to 8x.
• Automatic Exposure Control
The integrated automatic exposure control may be used to ensure optimal settings of
exposure and gain are computed and updated every other frame. Refer to the AR0134
Developer Guide for more details.
•HiSPi
The AR0134 Global Shutter image sensor supports two or three lanes of Streaming-SP
or Packetized-SP protocols of ON Semiconductor's High-Speed Serial Pixel Interface.
•PLL
An on chip PLL provides reference clock flexibility and supports spread spectrum
sources for improved EMI performance.
• Reset
The AR0134 may be reset by a register write, or by a dedicated input pin.
• Output Enable
The AR0134 output pins may be tri-stated using a dedicated output enable pin.
•Temperature Sensor
The temperature sensor is only guaranteed to be functional when the AR0134 is
initially powered-up or is reset at temperatures at or above 0°C.
• Black Level Correction
• Row Noise Correction
•Column Correction
• Test Patterns
Several test patterns may be enabled for debug purposes. These include a solid color,
color bar, fade to grey, and a walking 1s test pattern.


Similar Part No. - AR0134CSSM00SUEA0-TPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSM00SUEA0-TPBR ONSEMI-AR0134CSSM00SUEA0-TPBR Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
More results

Similar Description - AR0134CSSM00SUEA0-TPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
AR0134 ONSEMI-AR0134 Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9J003 ONSEMI-MT9J003_16 Datasheet
1Mb / 77P
   1/2.3-Inch 10 Mp CMOS Digital Image Sensor
Rev. E 5/15 EN
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com