Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1696 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW1696
Description  Low-Power Off-line Digital Green-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1696 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW1696 Datasheet HTML 1Page - Dialog Semiconductor IW1696 Datasheet HTML 2Page - Dialog Semiconductor IW1696 Datasheet HTML 3Page - Dialog Semiconductor IW1696 Datasheet HTML 4Page - Dialog Semiconductor IW1696 Datasheet HTML 5Page - Dialog Semiconductor IW1696 Datasheet HTML 6Page - Dialog Semiconductor IW1696 Datasheet HTML 7Page - Dialog Semiconductor IW1696 Datasheet HTML 8Page - Dialog Semiconductor IW1696 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
iW1696
Low-Power Off-line Digital Green-Mode PWM Controller
Rev. 2.0
iW1696
Page 1
FebRuaRy 13, 2012
1.0 Features
● Primary-side feedback eliminates opto-isolators and
simplifies design
● Adaptive multi-mode PWM/PFM control improves
efficiency
● Quasi-resonant operation for highest overall efficiency
● EZ-EMI ® design to easily meet global EMI standards
● Direct drive of low-cost BJT switch
● Dynamic base current control
● Very tight constant voltage and constant current
regulation with primary-side-only feedback
● No external compensation components required
● Complies with EPA 2.0 energy-efficiency specifications
with ample margin
● Able to meet < 30 mW no load power consumption
● Low start-up current (10 μA typical)
● Built-in soft start
● Built-in short circuit protection and output overvoltage
protection
● Built-in current sense resistor short protection
● No audible noise over entire operation range
Figure 3.1: iW1696 Typical Application Circuit
2.0 Description
The iW1696 is a high performance AC/DC power supply
controller which uses digital control technology to build peak
current mode PWM flyback power supplies. The device
directly drives a power BJT and operates in quasi-resonant
mode to provide high efficiency along with a number of key
built-in protection features while minimizing the external
component count, simplifying EMI design and lowering the
total bill of material cost. The iW1696 removes the need
for secondary feedback circuitry while achieving excellent
line and load regulation. It also eliminates the need for loop
compensation components while maintaining stability overall
operating conditions. Pulse-by-pulse waveform analysis
allows for a loop response that is much faster than traditional
solutions, resulting in improved dynamic load response. The
built-in power limit function enables optimized transformer
design in universal off-line applications and allows for a wide
input voltage range.
The ultra-low start-up power and operating current at light
load ensure that the iW1696 is ideal for applications targeting
the newest regulatory standards for average efficiency.
3.0 Applications
● Low power AC/DC adapter/chargers for cell phones,
PDAs, digital still cameras
● Linear AC/DC replacement
L
+
VOUT
GND
U1
iW1696
VCC
GND
VSENSE
OUTPUT
ISENSE
1
2
5
4
3
N
+


Similar Part No. - IW1696

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
logo
Dialog Semiconductor
IW1690-00 DIALOG-IW1690-00 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690-00 RENESAS-IW1690-00 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
logo
Dialog Semiconductor
IW1690-02 DIALOG-IW1690-02 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
More results

Similar Description - IW1696

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
logo
Dialog Semiconductor
IW1677 DIALOG-IW1677 Datasheet
763Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1677 RENESAS-IW1677 Datasheet
1,016Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1678 DIALOG-IW1678 Datasheet
951Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com