Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1696 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # IW1696
Description  Low-Power Off-line Digital Green-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1696 Datasheet(HTML) 5 Page - Dialog Semiconductor

  IW1696 Datasheet HTML 1Page - Dialog Semiconductor IW1696 Datasheet HTML 2Page - Dialog Semiconductor IW1696 Datasheet HTML 3Page - Dialog Semiconductor IW1696 Datasheet HTML 4Page - Dialog Semiconductor IW1696 Datasheet HTML 5Page - Dialog Semiconductor IW1696 Datasheet HTML 6Page - Dialog Semiconductor IW1696 Datasheet HTML 7Page - Dialog Semiconductor IW1696 Datasheet HTML 8Page - Dialog Semiconductor IW1696 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
iW1696
Low-Power Off-line Digital Green-Mode PWM Controller
Rev. 2.0
iW1696
Page 5
FebRuaRy 13, 2012
8.0 Functional Block Diagram
1
5
2
4
GND
Output
Start-up
Digital
Logic
Control
Signal
Conditioning
DAC
1.1 V
BJT
Base
Drive
Enable
3
OCP
= 1.538 V
VCC
VFB
VSENSE(NOM)
VSENSE
ISENSE
VIPK
IPK
Figure 8.1: iW1696 Functional Block Diagram
9.0 Theory of Operation
The iW1696 is a digital controller which uses a new,
proprietary primary-side control technology to eliminate the
opto-isolated feedback and secondary regulation circuits
required in traditional designs. This results in a low-cost
solution for low power AC/DC adapters. The core PWM
processor uses fixed-frequency Discontinuous Conduction
Mode (DCM) operation at higher power levels and switches
to variable frequency operation at light loads to maximize
efficiency. Furthermore, iWatt’s digital control technology
enables fast dynamic response, tight output regulation, and
full featured circuit protection with primary-side control.
Referring to the block diagram in Figure 8.1, the digital logic
control block generates the switching on-time and off-time
information based on the output voltage and current feedback
signal and provides commands to dynamically control the
external BJT base current. The system loop is automatically
compensated internally by a digital error amplifier. Adequate
system phase margin and gain margin are guaranteed by
design and no external analog components are required for
loop compensation. The iW1696 uses an advanced digital
control algorithm to reduce system design time and increase
reliability.
Furthermore, accurate secondary constant-current operation
is achieved without the need for any secondary-side sense
and control circuits.
The iW1696 uses adaptive multi-mode PWM/PFM control
to dynamically change the BJT switching frequency for
efficiency, EMI, and power consumption optimization. In
addition, it achieves unique BJT quasi-resonant switching to
further improve efficiency and reduce EMI. Built-in protection
features include overvoltage protection (OVP), output short
circuit protection (SCP), over current protection (OCP),
single pin fault protection and I
SENSE fault detection.
iWatt’s digital control scheme is specifically designed to
address the challenges and trade-offs of power conversion
design. This innovative technology is ideal for balancing new
regulatory requirements for green mode operation with more
practical design considerations such as lowest possible cost,
smallest size and high performance output control.


Similar Part No. - IW1696

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
logo
Dialog Semiconductor
IW1690-00 DIALOG-IW1690-00 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690-00 RENESAS-IW1690-00 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
logo
Dialog Semiconductor
IW1690-02 DIALOG-IW1690-02 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
More results

Similar Description - IW1696

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
logo
Dialog Semiconductor
IW1677 DIALOG-IW1677 Datasheet
763Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1677 RENESAS-IW1677 Datasheet
1,016Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1678 DIALOG-IW1678 Datasheet
951Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com